Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 55 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 51Page - Texas Instruments CC1021-RTR1 Datasheet HTML 52Page - Texas Instruments CC1021-RTR1 Datasheet HTML 53Page - Texas Instruments CC1021-RTR1 Datasheet HTML 54Page - Texas Instruments CC1021-RTR1 Datasheet HTML 55Page - Texas Instruments CC1021-RTR1 Datasheet HTML 56Page - Texas Instruments CC1021-RTR1 Datasheet HTML 57Page - Texas Instruments CC1021-RTR1 Datasheet HTML 58Page - Texas Instruments CC1021-RTR1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
5.18 Interrupt on Pin DCLK
5.18.1 Interrupt Upon PLL Lock
In synchronous mode the DCLK pin on CC1021 can be used to give an interrupt signal to wake the
microcontroller when the PLL is locked.
PD_MODE[1:0] in the MAIN register should be set to 01. If DCLK_LOCK in the INTERFACE register is set
to 1 the DCLK signal is always logic high if the PLL is not in lock. When the PLL locks to the desired
frequency the DCLK signal changes to logic 0. When this interrupt has been detected write
PD_MODE[1:0] = 00. This will enable the DCLK signal.
This function can be used to wait for the PLL to be locked before the PA is ramped up in transmit mode. In
receive mode, it can be used to wait until the PLL is locked before searching for preamble.
5.18.2 Interrupt Upon Received Signal Carrier Sense
In synchronous mode the DCLK pin on CC1021 can also be used to give an interrupt signal to the
microcontroller when the RSSI level exceeds a certain threshold (carrier sense threshold). This function
can be used to wake or interrupt the microcontroller when a strong signal is received.
Gating the DCLK signal with the carrier sense signal makes the interrupt signal.
This function should only be used in receive mode and is enabled by setting DCLK_CS = 1 in the
INTERFACE register.
The DCLK signal is always logic high unless carrier sense is indicated. When carrier sense is indicated
the DCLK starts running. When gating the DCLK signal with the carrier sense signal at least 2 dummy bits
should be added after the data payload in TX mode. The reason being that the carrier sense signal is
generated earlier in the receive chain (that is, before the demodulator), causing it to be updated 2 bits
before the corresponding data is available on the DIO pin.
In transmit mode DCLK_CS must be set to 0. Refer to CC1021 Errata Note 001, located in the CC1021
product folder.
5.19 PA_EN and LNA_EN Digital Output Pins
5.19.1 Interfacing an External LNA or PA
CC1021 has two digital output pins, PA_EN and LNA_EN, which can be used to control an external LNA
or PA. The functionality of these pins are controlled through the INTERFACE register. The outputs can
also be used as general digital output control signals.
EXT_PA_POL and EXT_LNA_POL control the active polarity of the signals.
EXT_PA and EXT_LNA control the function of the pins. If EXT_PA = 1, then the PA_EN pin will be
activated when the internal PA is turned on. Otherwise, the EXT_PA_POL bit controls the PA_EN pin
directly. If EXT_LNA = 1, then the LNA_EN pin will be activated when the internal LNA is turned on.
Otherwise, the EXT_LNA_POL bit controls the LNA_EN pin directly.
These two pins can therefore also be used as two general control signals, Section 5.19.2. In the TI
reference design, LNA_EN and PA_EN are used to control the external T/R switch.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
55
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com