Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 27 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 23Page - Texas Instruments CC1021-RTR1 Datasheet HTML 24Page - Texas Instruments CC1021-RTR1 Datasheet HTML 25Page - Texas Instruments CC1021-RTR1 Datasheet HTML 26Page - Texas Instruments CC1021-RTR1 Datasheet HTML 27Page - Texas Instruments CC1021-RTR1 Datasheet HTML 28Page - Texas Instruments CC1021-RTR1 Datasheet HTML 29Page - Texas Instruments CC1021-RTR1 Datasheet HTML 30Page - Texas Instruments CC1021-RTR1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
307.2
ChBW
[kHz]
(DEC _ DIV
1)
=
+
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
In Manchester mode the maximum modulating signal occurs when transmitting a continuous sequence of
0s (or 1s). In NRZ mode the maximum modulating signal occurs when transmitting a 0-1-0 sequence. In
both Manchester and NRZ mode 2 × fm is then equal to the programmed baud rate. The equation for SBW
can then be rewritten as shown in Equation 14.
SBW = Baud rate + frequency separation
(14)
Furthermore, the frequency offset of the transmitter and receiver must also be considered. Assuming
equal frequency error in the transmitter and receiver (same type of crystal) the total frequency error is
shown in Equation 15.
f_error = ±2 × XTAL_ppm × f_RF
(15)
Where:
XTAL_ppm is the total accuracy of the crystal including initial tolerance, temperature drift, loading and
ageing.
f_RF is the RF operating frequency.
The minimum receiver channel filter bandwidth (ChBW) can then be estimated as shown in Equation 16.
ChBW > SBW + 2 × f_error
(16)
The DEC_DIV[2:0] bits in the FILTER register control the receiver channel filter bandwidth. The 6 dB
bandwidth is given by Equation 17.
(17)
Where:
The IF frequency is set to 307.2 kHz.
Table 5-5 shows the available channel filter bandwidths.
There is a tradeoff between selectivity as well as sensitivity and accepted frequency tolerance. In
applications where larger frequency drift is expected, the filter bandwidth can be increased, but with
reduced adjacent channel rejection (ACR) and sensitivity.
Table 5-5. Channel Filter Bandwidth
FILTER BANDWIDTH
FILTER.DEC_DIV[2:0]
[kHz]
[decimal(binary)]
38.4
7 (111b)
43.9
6 (110b)
51.2
5 (101b)
61.4
4 (100b)
76.8
3 (011b)
102.4
2 (010b)
153.6
1 (001b)
307.2
0 (000b)
5.9.3
Demodulator, Bit Synchronizer and Data Decision
The block diagram for the demodulator, data slicer and bit synchronizer is shown in Figure 5-10. The built-
in bit synchronizer synchronizes the internal clock to the incoming data and performs data decoding. The
data decision is done using over-sampling and digital filtering of the incoming signal. This improves the
reliability of the data transmission. Using the synchronous modes simplifies the data-decoding task
substantially.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
27
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com