Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 73 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 69Page - Texas Instruments CC1021-RTR1 Datasheet HTML 70Page - Texas Instruments CC1021-RTR1 Datasheet HTML 71Page - Texas Instruments CC1021-RTR1 Datasheet HTML 72Page - Texas Instruments CC1021-RTR1 Datasheet HTML 73Page - Texas Instruments CC1021-RTR1 Datasheet HTML 74Page - Texas Instruments CC1021-RTR1 Datasheet HTML 75Page - Texas Instruments CC1021-RTR1 Datasheet HTML 76Page - Texas Instruments CC1021-RTR1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
Table 5-44. PLL_BW Register (1Ah)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
PLL_BW[7:0]
PLL_BW[7:0]
134
—
Charge pump current scaling/rounding factor. Used to calibrate charge
pump current for the desired PLL loop bandwidth.
The value is given by:
PLL_BW = 174 + 16 log2(fref / 7.126)
where fref is the reference frequency in MHz.
Table 5-45. CALIBRATE Register (1Bh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
CALIBRATE[7]
CAL_START
0
↑
↑ 1: Calibration started
0: Calibration inactive
CALIBRATE[6]
CAL_DUAL
0
H
Use calibration results for both frequency A and B
0: Store results in A or B defined by F_REG (MAIN[6])
1: Store calibration results in both A and B
CALIBRATE[5:4]
CAL_WAIT[1:0]
0
—
Selects calibration wait time (affects accuracy)
0 (00): Calibration time is approx. 90000 F_REF periods
1 (01): Calibration time is approx. 110000 F_REF periods
2 (10): Calibration time is approx. 130000 F_REF periods
3 (11): Calibration time is approx. 200000 F_REF periods
Recommended setting: CAL_WAIT=3 for best accuracy in calibrated
PLL loop filter bandwidth.
CALIBRATE[3]
—
0
—
Reserved, write 0
CALIBRATE[2:0]
CAL_ITERATE[2:0]
5
—
Iteration start value for calibration DAC
0 (000): DAC start value 1, VC < 0.49 V after calibration
1 (001): DAC start value 2, VC < 0.66 V after calibration
2 (010): DAC start value 3, VC < 0.82 V after calibration
3 (011): DAC start value 4, VC < 0.99 V after calibration
4 (100): DAC start value 5, VC < 1.15 V after calibration
5 (101): DAC start value 6, VC < 1.32 V after calibration
6 (110): DAC start value 7, VC < 1.48 V after calibration
7 (111): DAC start value 8, VC < 1.65 V after calibration
Recommended setting: CAL_ITERATE=4.
Table 5-46. PA_POWER Register (1Ch)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
PA_POWER[7:4]
PA_HIGH [3:0]
0
—
Controls output power in high-power array
0: High-power array is off
1: Minimum high-power array output power
…
15: Maximum high-power array output power
PA_POWER[3:0]
PA_LOW[3:0]
15
—
Controls output power in low-power array
0: Low-power array is off
1: Minimum low-power array output power
…
15: Maximum low-power array output power
It is more efficient in terms of current consumption to use either
the lower or upper 4-bits in the PA_POWER register to control
the power.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
73
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com