Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 44 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 40Page - Texas Instruments CC1021-RTR1 Datasheet HTML 41Page - Texas Instruments CC1021-RTR1 Datasheet HTML 42Page - Texas Instruments CC1021-RTR1 Datasheet HTML 43Page - Texas Instruments CC1021-RTR1 Datasheet HTML 44Page - Texas Instruments CC1021-RTR1 Datasheet HTML 45Page - Texas Instruments CC1021-RTR1 Datasheet HTML 46Page - Texas Instruments CC1021-RTR1 Datasheet HTML 47Page - Texas Instruments CC1021-RTR1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Figure 5-25. Typical Optimum PA Load Impedance, 868/915 MHz.
The frequency is swept from 300 MHz to 2800 MHz.
Values are listed in Table 5-10
Table 5-10. Impedances at the First 3 Harmonics
(868/915 MHz Matching Network)
FREQUENCY
REAL
IMAGINARY
(MHz)
(Ohms)
(Ohms)
868
15
24
915
20
35
1736
1.5
18
1830
1.7
22
2604
3.2
44
2745
3.6
45
5.12 Frequency Synthesizer
5.12.1 VCO, Charge Pump, and PLL Loop Filter
The VCO is completely integrated and operates in the 1608 to 1880 MHz range. A frequency divider is
used to get a frequency in the UHF range (402 to 470 and 804 to 960 MHz). The BANDSELECT bit in the
ANALOG register selects the frequency band.
The VCO frequency is given by Equation 24.
44
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com