Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 30 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 26Page - Texas Instruments CC1021-RTR1 Datasheet HTML 27Page - Texas Instruments CC1021-RTR1 Datasheet HTML 28Page - Texas Instruments CC1021-RTR1 Datasheet HTML 29Page - Texas Instruments CC1021-RTR1 Datasheet HTML 30Page - Texas Instruments CC1021-RTR1 Datasheet HTML 31Page - Texas Instruments CC1021-RTR1 Datasheet HTML 32Page - Texas Instruments CC1021-RTR1 Datasheet HTML 33Page - Texas Instruments CC1021-RTR1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Equation 21 can be used to calculate the power, P, in dBm from the RSSI readout values in Figure 5-11
and Figure 5-12.
P = 1.5 × [RSSI – RSSI_ref] + P_ref
(21)
Where:
P is the output power in dBm for the current RSSI readout value.
RSSI_ref is the RSSI readout value taken from Figure 5-11 or Figure 5-12 for an input power level of
P_ref.
NOTE
The RSSI readings in decimal value changes for different channel filter bandwidths.
The analog filter has a finite dynamic range and is the reason why the RSSI reading is saturated at lower
channel filter bandwidths. Higher channel filter bandwidths are typically used for high frequency deviation
and data rates. The analog filter bandwidth is about 160 kHz and is bypassed for high frequency deviation
and data rates and is the reason why the RSSI reading is not saturated for 153.6 kHz and 307.2 kHz
channel filter bandwidths in Figure 5-11 and Figure 5-12.
Figure 5-11. Typical RSSI Value vs Input Power for Different
Figure 5-12. Typical RSSI Value vs Input Power for Different
Channel Filter Bandwidths, 433 MHz
Channel Filter Bandwidths, 868 MHz
5.9.6
Image Rejection Calibration
For perfect image rejection, the phase and gain of the “I” and “Q” parts of the analog RX chain must be
perfectly matched. To improve the image rejection, the “I” and “Q” phase and gain difference can be fine-
tuned by adjusting the PHASE_COMP and GAIN_COMP registers. This allows compensation for process
variations and other nonidealities. The calibration is done by injecting a signal at the image frequency, and
adjusting the phase and gain difference for minimum RSSI value.
During image rejection calibration, an unmodulated carrier should be applied at the image frequency
(614.4 kHz below the desired channel), No signal should be present in the desired channel. The signal
level should be 50 to 60 dB above the sensitivity in the desired channel, but the optimum level will vary
from application to application. Too large input level gives poor results due to limited linearity in the analog
IF chain, while too low input level gives poor results due to the receiver noise floor.
30
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com