Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 66 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 62Page - Texas Instruments CC1021-RTR1 Datasheet HTML 63Page - Texas Instruments CC1021-RTR1 Datasheet HTML 64Page - Texas Instruments CC1021-RTR1 Datasheet HTML 65Page - Texas Instruments CC1021-RTR1 Datasheet HTML 66Page - Texas Instruments CC1021-RTR1 Datasheet HTML 67Page - Texas Instruments CC1021-RTR1 Datasheet HTML 68Page - Texas Instruments CC1021-RTR1 Datasheet HTML 69Page - Texas Instruments CC1021-RTR1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Table 5-31. MODEM Register (0Dh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
MODEM[7]
—
0
—
Reserved, write 0
MODEM[6:4]
ADC_DIV[2:0]
3
—
ADC clock divisor(1)
0: Not supported
1: ADC frequency = XOSC frequency / 4
2: ADC frequency = XOSC frequency / 6
3: ADC frequency = XOSC frequency / 8
4: ADC frequency = XOSC frequency / 10
5: ADC frequency = XOSC frequency / 12
6: ADC frequency = XOSC frequency / 14
7: ADC frequency = XOSC frequency / 16
MODEM[3]
—
0
—
Reserved, write 0
MODEM[2]
PN9_ENABLE
0
H
Enable scrambling of TX and RX with PN9 pseudo-random bit
sequence
0: PN9 scrambling is disabled
1: PN9 scrambling is enabled (x9 + x5 + 1)
The PN9 pseudo-random bit sequence can be used for BER testing by
only transmitting zeros, and then counting the number of received
ones.
MODEM[1:0]
DATA_FORMAT[1:0]
0
—
Modem data format
0 (00): NRZ operation
1 (01): Manchester operation
2 (10): Transparent asynchronous UART operation, set DCLK=0
3 (11): Transparent asynchronous UART operation, set DCLK=1
(1)
The intermediate frequency should be as close to 307.2 kHz as possible. ADC clock frequency is always 4 times the intermediate
frequency and should therefore be as close to 1.2288 MHz as possible.
Table 5-32. DEVIATION Register (0Eh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
DEVIATION[7]
TX_SHAPING
1
H
Enable Gaussian shaping of transmitted data
Recommended setting: TX_SHAPING=1
DEVIATION[6:4]
TXDEV_X[2:0]
6
—
Transmit frequency deviation exponent
DEVIATION [3:0]
TXDEV_M[3:0]
8
—
Transmit frequency deviation mantissa
Deviation in 402 to 470 MHz band:
FREF × XDEV_M × 2
(TXDEV_X
−16)
Deviation in 804 to 960 MHz band:
FREF × TXDEV_M × 2
(TXDEV_X
−15)
On-off-keying (OOK) is used in RX/TX if TXDEV_M[3:0]=0
To find TXDEV_M given the deviation and TXDEV_X:
TXDEV_M = deviation × 2(16−TXDEV_X) / FREF
in 402 to 470 MHz band,
TXDEV_M = deviation × 2(15−TXDEV_X) / FREF
in 804 to 960 MHz band,
Decrease TXDEV_X and try again if TXDEV_M < 8.
Increase TXDEV_X and try again if TXDEV_M
≥ 16.
66
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com