Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 81 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 77Page - Texas Instruments CC1021-RTR1 Datasheet HTML 78Page - Texas Instruments CC1021-RTR1 Datasheet HTML 79Page - Texas Instruments CC1021-RTR1 Datasheet HTML 80Page - Texas Instruments CC1021-RTR1 Datasheet HTML 81Page - Texas Instruments CC1021-RTR1 Datasheet HTML 82Page - Texas Instruments CC1021-RTR1 Datasheet HTML 83Page - Texas Instruments CC1021-RTR1 Datasheet HTML 84Page - Texas Instruments CC1021-RTR1 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
Table 6-2. Bill of Materials for the Application Circuit in Figure 6-1 (1)(2)
ITEM
433 MHz
868 MHz
915 MHz
C1(3)
10 pF, 5%, NP0, 0402
47 pF, 5%, NP0, 0402
47 pF, 5%, NP0, 0402
C3(3)
5.6 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
C4
22 pF, 5%, NP0, 0402
22 pF, 5%, NP0, 0402
22 pF, 5%, NP0, 0402
C5
12 pF, 5%, NP0, 0402
12 pF, 5%, NP0, 0402
12 pF, 5%, NP0, 0402
C6
3.9 nF, 10%, X7R, 0603
3.9 nF, 10%, X7R, 0603
3.9 nF, 10%, X7R, 0603
C7
120 pF, 10%, X7R, 0402
120 pF, 10%, X7R, 0402
120 pF, 10%, X7R, 0402
C8
33 pF, 10%, X7R, 0402
33 pF, 10%, X7R, 0402
33 pF, 10%, X7R, 0402
C60
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
L1(3)
33 nH, 5%, 0402
82 nH, 5%, 0402
82 nH, 5%, 0402
L2(3)
22 nH, 5%, 0402
3.6 nH, 5%, 0402
3.6 nH, 5%, 0402
R1
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
82 k
Ω, 1%, 0402
R2
12 k
Ω, 5%, 0402
12 k
Ω, 5%, 0402
12 k
Ω, 5%, 0402
R3
39 k
Ω, 5%, 0402
39 k
Ω, 5%, 0402
39 k
Ω, 5%, 0402
R10
82
Ω, 5%, 0402
82
Ω, 5%, 0402
82
Ω, 5%, 0402
XTAL
14.7456 MHz crystal, 16 pF load
14.7456 MHz crystal, 16 pF load
14.7456 MHz crystal, 16 pF load
(1)
The PLL loop filter is optimized for 38.4 kBaud data rate.
(2)
The PLL loop filter component values in Table 6-2 (R2, R3, C6-C8) are optimized for 38.4 kBaud data rate. The SmartRF Studio
software provides component values for other data rates using the equations in Section 5.12.1.
(3)
Items shaded vary for different frequencies.
In the CC1020EMX reference design, which is also applicable for CC1021, LQG15HS series inductors
from Murata have been used. The switch is SW-456 from M/A-COM.
The LC filter in Figure 6-1 is inserted in the TX path only. The filter will reduce the emission of harmonics
and the spurious emissions in the TX path. An alternative is to insert the LC filter between the antenna
and the T/R switch as shown in Figure 6-2.
The filter will reduce the emission of harmonics and the spurious emissions in the TX path as well as
increase the receiver selectivity. The sensitivity will be slightly reduced due to the insertion loss of the LC
filter.
6.2
Design Requirements
6.2.1
Input / Output Matching
L1 and C1 is the input match for the receiver. L1 is also a DC choke for biasing. L2 and C3 are used to
match the transmitter to 50
Ω. Internal circuitry makes it possible to connect the input and output together
and match the CC1021 to 50
Ω in both RX and TX mode. However, it is recommended to use an external
T/R switch for optimum performance. See Section 5.11 for details. Component values for the matching
network are easily found using the SmartRF™ Studio software.
6.2.2
Bias Resistor
The precision bias resistor R1 is used to set an accurate bias current.
6.2.3
PLL Loop Filter
The loop filter consists of two resistors (R2 and R3) and three capacitors (C6 through C8). C7 and C8 may
be omitted in applications where high loop bandwidth is desired. The values shown in Table 6-2 are
optimized for 38.4 kBaud data rate. Component values for other data rates are easily found using the
SmartRF Studio software.
Copyright © 2006–2015, Texas Instruments Incorporated
Applications, Implementation, and Layout
81
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com