Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 46 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 42Page - Texas Instruments CC1021-RTR1 Datasheet HTML 43Page - Texas Instruments CC1021-RTR1 Datasheet HTML 44Page - Texas Instruments CC1021-RTR1 Datasheet HTML 45Page - Texas Instruments CC1021-RTR1 Datasheet HTML 46Page - Texas Instruments CC1021-RTR1 Datasheet HTML 47Page - Texas Instruments CC1021-RTR1 Datasheet HTML 48Page - Texas Instruments CC1021-RTR1 Datasheet HTML 49Page - Texas Instruments CC1021-RTR1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
The combined charge pump and phase detector gain (in A/rad) is given by the charge pump current
divided by 2
π.
The PLL bandwidth will limit the maximum modulation frequency and hence, data rate.
5.12.2 VCO and PLL Self-Calibration
To compensate for supply voltage, temperature and process variations, the VCO and PLL must be
calibrated. The calibration is performed automatically and sets the maximum VCO tuning range and
optimum charge pump current for PLL stability. After setting up the device at the operating frequency, the
self-calibration can be initiated by setting the CAL_START bit in the CALIBRATE register. The calibration
result is stored internally in the chip, and is valid as long as power is not turned off. If large supply voltage
drops (typically more than 0.25 V) or temperature variations (typically more than 40°C) occur after
calibration, a new calibration should be performed.
The nominal VCO control voltage is set by the CAL_ITERATE[2:0] bits in the CALIBRATE register.
The CAL_COMPLETE bit in the STATUS register indicates that calibration has finished. The calibration
wait time (CAL_WAIT) is programmable and is proportional to the internal PLL reference frequency. The
highest possible reference frequency should be used to get the minimum calibration time. It is
recommended to use CAL_WAIT[1:0] = 11 in order to get the most accurate loop bandwidth.
Table 5-11. Typical Calibration Times
CALIBRATION
REFERENCE FREQUENCY [MHz]
TIME [MS]
CAL_WAIT
1.8432
7.3728
9.8304
0
49 ms
12 ms
10 ms
1
60 ms
15 ms
11 ms
10
71 ms
18 ms
13 ms
11
109 ms
27 ms
20 ms
The CAL_COMPLETE bit can also be monitored at the LOCK pin, configured by LOCK_SELECT[3:0] =
0101, and used as an interrupt input to the microcontroller.
To check that the PLL is in lock the user should monitor the LOCK_CONTINUOUS bit in the STATUS
register. The LOCK_CONTINUOUS bit can also be monitored at the LOCK pin, configured by
LOCK_SELECT[3:0] = 0010.
There are separate calibration values for the two frequency registers. However, dual calibration is possible
if all of the following conditions apply:
•
The two frequencies A and B differ by less than 1 MHz.
•
Reference frequencies are equal (REF_DIV_A[2:0] = REF_DIV_B[2:0] in the CLOCK_A/CLOCK_B
registers).
•
VCO currents are equal (VCO_CURRENT_A[3:0] = VCO_CURRENT_B[3:0] in the VCO register).
The CAL_DUAL bit in the CALIBRATE register controls dual or separate calibration.
The single calibration algorithm (CAL_DUAL=0) using separate calibration for RX and TX frequency is
illustrated in Figure 5-26. The same algorithm is applicable for dual calibration if CAL_DUAL=1. Refer to
Application Note AN023 CC1020 MCU Interfacing (SWRA069), which includes example source code for
single calibration.
TI recommends that single calibration be used for more robust operation.
There is a finite possibility that the PLL self-calibration will fail. The calibration routine in the source code
should include a loop so that the PLL is re-calibrated until PLL lock is achieved if the PLL does not lock
the first time. Refer to CC1021 Errata Note 002, available in the CC1021 product folder.
46
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com