Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 11Page - Texas Instruments CC1021-RTR1 Datasheet HTML 12Page - Texas Instruments CC1021-RTR1 Datasheet HTML 13Page - Texas Instruments CC1021-RTR1 Datasheet HTML 14Page - Texas Instruments CC1021-RTR1 Datasheet HTML 15Page - Texas Instruments CC1021-RTR1 Datasheet HTML 16Page - Texas Instruments CC1021-RTR1 Datasheet HTML 17Page - Texas Instruments CC1021-RTR1 Datasheet HTML 18Page - Texas Instruments CC1021-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
4.12 Thermal Resistance Characteristics for VQFNP Package
NAME
DESCRIPTION
°C/W(1) (2)
RθJC(top)
Junction-to-case (top)
16.2
RθJB
Junction-to-board
6.9
RθJA
Junction-to-free air
30.7
PsiJT
Junction-to-package top
0.2
PsiJB
Junction-to-board
6.9
RθJC(bottom)
Junction-to-case (bottom)
1.0
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [R
θJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
Copyright © 2006–2015, Texas Instruments Incorporated
Specifications
15
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com