Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 36 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 32Page - Texas Instruments CC1021-RTR1 Datasheet HTML 33Page - Texas Instruments CC1021-RTR1 Datasheet HTML 34Page - Texas Instruments CC1021-RTR1 Datasheet HTML 35Page - Texas Instruments CC1021-RTR1 Datasheet HTML 36Page - Texas Instruments CC1021-RTR1 Datasheet HTML 37Page - Texas Instruments CC1021-RTR1 Datasheet HTML 38Page - Texas Instruments CC1021-RTR1 Datasheet HTML 39Page - Texas Instruments CC1021-RTR1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
5.9.10 Preamble Length and Sync Word
The rules for choosing a good sync word are as follows:
1. The sync word should be significantly different from the preamble.
2. A large number of transitions is good for the bit synchronization or clock recovery. Equal bits reduce
the number of transitions. The recommended sync word has at the most 3 equal bits in a row.
3. Autocorrelation. The sync word should not repeat itself, as this will increase the likelihood for errors.
4. In general the first bit of sync should be opposite of last bit in preamble, to achieve one more transition.
The recommended sync words for CC1021 are 2 bytes (D391), 3 bytes (D391DA) or 4 bytes (D391DA26)
and are selected as the best compromise of the above criteria.
Using the register settings provided by the SmartRF Studio software, packet error rates (PER) less than
0.5% can be achieved when using 24 bits of preamble and a 16 bit sync word (D391). Using a preamble
longer than 24 bits will improve the PER.
When performing the PER measurements described above the packet format consisted of 10 bytes of
random data, 2 bytes CRC and 1 dummy byte in addition to the sync word and preamble at the start of
each package.
For the test, 1000 packets were sent 10 times. The transmitter was put in power down between each
packet. Any bit error in the packet, either in the sync word, in the data or in the CRC caused the packet to
be counted as a failed packet.
5.9.11 Carrier Sense
The carrier sense signal is based on the RSSI value and a programmable threshold. The carrier sense
function can be used to simplify the implementation of a CSMA (Carrier Sense Multiple Access) medium
access protocol.
Carrier
sense
threshold
level
is
programmed
by
CS_LEVEL[4:0]
in
the
VGA4
register
and
VGA_SETTING[4:0] in the VGA3 register.
VGA_SETTING[4:0] sets the maximum gain in the VGA. This value must be set so that the ADC works
with optimum dynamic range for a certain channel filter bandwidth. The detected signal strength (after the
ADC) will therefore depend on this setting.
CS_LEVEL[4:0] sets the threshold for this specific VGA_SETTING[4:0] value. If the VGA_SETTING[4:0] is
changed, the CS_LEVEL[4:0] must be changed accordingly to maintain the same absolute carrier sense
threshold. See Figure 5-17 for an explanation of the relationship between RSSI, AGC and carrier sense
settings.
The carrier sense signal can be read as the CARRIER_SENSE bit in the STATUS register.
The carrier sense signal can also be made available at the LOCK pin by setting LOCK_SELECT[3:0] =
0100 in the LOCK register.
36
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com