Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 5Page - Texas Instruments CC1021-RTR1 Datasheet HTML 6Page - Texas Instruments CC1021-RTR1 Datasheet HTML 7Page - Texas Instruments CC1021-RTR1 Datasheet HTML 8Page - Texas Instruments CC1021-RTR1 Datasheet HTML 9Page - Texas Instruments CC1021-RTR1 Datasheet HTML 10Page - Texas Instruments CC1021-RTR1 Datasheet HTML 11Page - Texas Instruments CC1021-RTR1 Datasheet HTML 12Page - Texas Instruments CC1021-RTR1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
RF Transmit (continued)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
433 MHz
54 + j44
Ω
Optimum load
Transmit mode. For matching details
868 MHz
15 + j24
Ω
impedance
see Section 5.11.
915 MHz
20 + j35
Ω
4.5
RF Receive
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
38.4 kHz channel filter BW (1)
–109
dBm
Sensitivity is measured with PN9
sequence at BER = 10−3
102.4 kHz channel filter BW (2)
–104
dBm
Receiver Sensitivity,
(1) 38.4 kHz receiver channel filter
433 MHz, FSK
102.4 kHz channel filter BW (3)
–104
dBm
bandwidth: 4.8 kBaud, NRZ coded
data, ±4.95 kHz frequency
307.2 kHz channel filter BW (4)
–96
dBm
deviation.
38.4 kHz channel filter BW (1)
–108
dBm
(2) 102.4 kHz receiver channel
filter bandwidth: 19.2 kBaud, NRZ
102.4 kHz channel filter BW (2)
–103
dBm
coded data, ±19.8 kHz frequency
102.4 kHz channel filter BW (3)
–103
dBm
deviation.
(3) 102.4 kHz receiver channel
filter bandwidth: 38.4 kBaud, NRZ
coded data, ±19.8 kHz frequency
Receiver Sensitivity,
deviation.
868 MHz, FSK
(4) 307.2 kHz receiver channel
filter bandwidth: 153.6 kBaud, NRZ
307.2 kHz channel filter BW (4)
–94
dBm
coded data, ±72 kHz frequency
deviation.
See Table 5-6 and Table 5-7 or
typical sensitivity figures at other
channel filter bandwidths.
9.6 kBaud
–103
dBm
Manchester coded data.
Receiver sensitivity,
See Table 5-14 for typical
433 MHz, OOK
153.6 kBaud
–81
dBm
sensitivity figures at other data
9.6 kBaud
–104
dBm
rates. Sensitivity is measured with
Receiver sensitivity,
PN9 sequence at
868 MHz, OOK
153.6 kBaud
–87
dBm
BER = 10−3
Saturation
FSK: Manchester/NRZ coded data
(maximum input
FSK and OOK
10
dBm
OOK: Manchester coded data
level)
BER = 10−3
The receiver channel filter 6 dB
bandwidth is programmable from
System noise
38.4 to
kHz
38.4 kHz to
bandwidth
307.2
307.2 kHz. See Section 5.9.2 for
details.
Noise figure,
433 and 868 MHz
7
dB
NRZ coded data
cascaded
–23
dBm
LNA2 maximum gain
433 MHz, 102.4 kHz
–18
dBm
LNA2 medium gain
channel filter BW
–16
dBm
LNA2 minimum gain
Input IP3(1)
–18
dBm
LNA2 maximum gain
868 MHz, 102.4 kHz
–15
dBm
LNA2 medium gain
channel filter BW
–13
dBm
LNA2 minimum gain
Co-channel
Wanted signal 3 dB above the
433 MHz and 868 MHz,
rejection, FSK and
–11
dB
sensitivity level, CW jammer at
102.4 kHz channel filter BW
OOK
operating frequency, BER = 10−3
(1)
Two tone test (+10 MHz and +20 MHz)
Copyright © 2006–2015, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com