Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 74 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 74 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 70Page - Texas Instruments CC1021-RTR1 Datasheet HTML 71Page - Texas Instruments CC1021-RTR1 Datasheet HTML 72Page - Texas Instruments CC1021-RTR1 Datasheet HTML 73Page - Texas Instruments CC1021-RTR1 Datasheet HTML 74Page - Texas Instruments CC1021-RTR1 Datasheet HTML 75Page - Texas Instruments CC1021-RTR1 Datasheet HTML 76Page - Texas Instruments CC1021-RTR1 Datasheet HTML 77Page - Texas Instruments CC1021-RTR1 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Table 5-47. MATCH Register (1Dh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
MATCH[7:4]
RX_MATCH[3:0]
0
—
Selects matching capacitor array value for RX. Each step is
approximately 0.4 pF.
MATCH[3:0]
TX_MATCH[3:0]
0
—
Selects matching capacitor array value for TX.
Each step is approximately 0.4 pF.
Table 5-48. PHASE_COMP Register (1Eh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
PHASE_COMP[7:0]
PHASE_COMP[7:0]
0
—
Signed compensation value for LO I/Q phase error. Used for image
rejection calibration.
–128: approx. –6.2° adjustment between I and Q phase
–1: approx. –0.02° adjustment between I and Q phase
0: approx. +0.02° adjustment between I and Q phase
127: approx. +6.2° adjustment between I and Q phase
Table 5-49. GAIN_COMP Register (1Fh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
GAIN_COMP[7:0]
GAIN_COMP[7:0]
0
—
Signed compensation value for mixer I/Q gain error. Used for image
rejection calibration.
–128: approx. –1.16 dB adjustment between I and Q gain
–1: approx. –0.004 dB adjustment between I and Q gain
0: approx. +0.004 dB adjustment between I and Q gain
127: approx. +1.16 dB adjustment between I and Q gain
Table 5-50. POWERDOWN Register (20h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
POWERDOWN[7]
PA_PD
0
H
Sets PA in power down when PD_MODE[1:0]=2
POWERDOWN[6]
VCO_PD
0
H
Sets VCO in power down when PD_MODE[1:0]=2
POWERDOWN[5]
BUFF_PD
0
H
Sets VCO divider, LO buffers and prescaler in power-down when
PD_MODE[1:0]=2
POWERDOWN[4]
CHP_PD
0
H
Sets charge pump in power down when PD_MODE[1:0]=2
POWERDOWN[3]
LNAMIX_PD
0
H
Sets LNA/mixer in power down when PD_MODE[1:0]=2
POWERDOWN[2]
VGA_PD
0
H
Sets VGA in power down when PD_MODE[1:0]=2
POWERDOWN[1]
FILTER_PD
0
H
Sets image filter in power down when PD_MODE[1:0]=2
POWERDOWN[0]
ADC_PD
0
H
Sets ADC in power down when PD_MODE[1:0]=2
Table 5-51. TEST1 Register (21h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
TEST1[7:4]
CAL_DAC_OPEN[3:0]
4
—
Calibration DAC override value, active when BREAK_LOOP=1
TEST1[3:0]
CHP_CO[3:0]
13
—
Charge pump current override value
74
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com