Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 48 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 44Page - Texas Instruments CC1021-RTR1 Datasheet HTML 45Page - Texas Instruments CC1021-RTR1 Datasheet HTML 46Page - Texas Instruments CC1021-RTR1 Datasheet HTML 47Page - Texas Instruments CC1021-RTR1 Datasheet HTML 48Page - Texas Instruments CC1021-RTR1 Datasheet HTML 49Page - Texas Instruments CC1021-RTR1 Datasheet HTML 50Page - Texas Instruments CC1021-RTR1 Datasheet HTML 51Page - Texas Instruments CC1021-RTR1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Table 5-12. Typical PLL Turn-On Time to Within Specified Accuracy for Different Loop Filter Bandwidths
LOOP
C6
C7
C8
R2
R3
PLL TURN-ON TIME
FILTER
COMMENT
[nF]
[pF]
[pF]
[k
Ω]
[k
Ω]
[µs]
NO.
Up to 9.6 kBaud data
rate
1
56
2200
560
3.3
10
1400
±5 kHz settling
accuracy
Up to 19.2 kBaud data
rate
2
15
560
150
5.6
18
1300
±10 kHz settling
accuracy
Up to 38.4 kBaud data
rate
3
3.9
120
33
12
39
1080
±15 kHz settling
accuracy
Up to 76.8 kBaud data
rate
4
1.0
27
3.3
27
82
950
±20 kHz settling
accuracy
Up to 153.6 kBaud data
rate
5
0.2
1.5
—
47
150
700
±50 kHz settling
accuracy
5.12.4 PLL Lock Time versus Loop Filter Bandwidth
If calibration has been performed the PLL lock time is the time needed for the PLL to lock to the desired
frequency when going from RX to TX mode or vice versa. The PLL lock time depends on the PLL loop
filter bandwidth. Table 5-13 gives the PLL lock time for different PLL loop filter bandwidths.
Table 5-13. Typical PLL Lock Time to Within Specified Accuracy for Different Loop Filter Bandwidths(1)
LOOP
PLL LOCK TIME [µs]
C6
C7
C8
R2
R3
FILTER
COMMENT
[nF]
[pF]
[pF]
[k
Ω]
[k
Ω]
1
2
3
NO.
140
Up to 9.6 kBaud data rate
1
56
2200
560
3.3
10
400
490
(50 kHz)
±5 kHz settling accuracy
70
Up to 19.2 kBaud data rate
2
15
560
150
5.6
18
140
230
(100 kHz)
±10 kHz settling accuracy
50
Up to 38.4 kBaud data rate
3
3.9
120
33
12
39
75
180
(150 kHz)
±15 kHz settling accuracy
15
Up to 76.8 kBaud data rate
4
1.0
27
3.3
27
82
30
55
(200 kHz)
±20 kHz settling accuracy
14
Up to 153.6 kBaud data rate
5
0.2
1.5
—
47
150
14
28
(500 kHz)
±50 kHz settling accuracy
(1)
1) 307.2 kHz step,
2) step as given in brackets,
3) 1 MHz step
48
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com