Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 47 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 43Page - Texas Instruments CC1021-RTR1 Datasheet HTML 44Page - Texas Instruments CC1021-RTR1 Datasheet HTML 45Page - Texas Instruments CC1021-RTR1 Datasheet HTML 46Page - Texas Instruments CC1021-RTR1 Datasheet HTML 47Page - Texas Instruments CC1021-RTR1 Datasheet HTML 48Page - Texas Instruments CC1021-RTR1 Datasheet HTML 49Page - Texas Instruments CC1021-RTR1 Datasheet HTML 50Page - Texas Instruments CC1021-RTR1 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
End of calibration
Wait for T≥100 us
Calibrate RX frequency register A
(to calibrate TX frequency register
B write MAIN register = D1h).
Register CALIBRATE = 34h
Write MAIN register = 11h:
RXTX=0, F_REG=0, PD_MODE=1,
FS_PD=0, CORE_PD=0, BIAS_PD=0,
RESET_N=1
Write FREQ_A, FREQ_B, VCO,
CLOCK_A and CLOCK_B registers.
PLL_BW = 174 + 16log
2(fref/7.126)
Start single calibration
Write CALIBRATE register = B4h
Start calibration
f
ref is the reference frequency (in
MHz)
Yes
Read STATUS register and wait until
LOCK_CONTINUOUS=1
Read STATUS register and wait until
CAL_COMPLETE=1
Calibration OK?
No
End of calibration
End of calibration
Wait for T≥100 us
Calibrate RX frequency register A
(to calibrate TX frequency register
B write MAIN register = D1h).
Register CALIBRATE = 34h
Write MAIN register = 11h:
RXTX=0, F_REG=0, PD_MODE=1,
FS_PD=0, CORE_PD=0, BIAS_PD=0,
RESET_N=1
Write FREQ_A, FREQ_B, VCO,
CLOCK_A and CLOCK_B registers.
PLL_BW = 174 + 16log
2(fref/7.126)
Start single calibration
Start single calibration
Write CALIBRATE register = B4h
Start calibration
f
ref is the reference frequency (in
MHz)
Yes
Read STATUS register and wait until
LOCK_CONTINUOUS=1
Read STATUS register and wait until
CAL_COMPLETE=1
Calibration OK?
No
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
Figure 5-26. Single Calibration Algorithm for RX and TX
5.12.3 PLL Turn-on Time versus Loop Filter Bandwidth
If calibration has been performed the PLL turn-on time is the time needed for the PLL to lock to the
desired frequency when going from power down mode (with the crystal oscillator running) to TX or RX
mode. The PLL turn-on time depends on the PLL loop filter bandwidth. Table 5-12 gives the PLL turn-on
time for different PLL loop filter bandwidths.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
47
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com