Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 72 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 68Page - Texas Instruments CC1021-RTR1 Datasheet HTML 69Page - Texas Instruments CC1021-RTR1 Datasheet HTML 70Page - Texas Instruments CC1021-RTR1 Datasheet HTML 71Page - Texas Instruments CC1021-RTR1 Datasheet HTML 72Page - Texas Instruments CC1021-RTR1 Datasheet HTML 73Page - Texas Instruments CC1021-RTR1 Datasheet HTML 74Page - Texas Instruments CC1021-RTR1 Datasheet HTML 75Page - Texas Instruments CC1021-RTR1 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Table 5-41. ANALOG Register (17h) (continued)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
ANALOG[1:0]
DIV_BUFF_CURRENT[1:0]
3
—
Overall bias current adjustment for VCO divider and buffers
0: 4/6 of nominal VCO divider and buffer current
1: 4/5 of nominal VCO divider and buffer current
2: Nominal VCO divider and buffer current
3: 4/3 of nominal VCO divider and buffer current
Recommended setting: DIV_BUFF_CURRENT=3
Table 5-42. BUFF_SWING Register (18h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
BUFF_SWING[7:6]
PRE_SWING[1:0]
3
—
Prescaler swing.
0: 2/3 of nominal swing
1: 1/2 of nominal swing
2: 4/3 of nominal swing
3: Nominal swing
Recommended setting: PRE_SWING=0.
BUFF_SWING[5:3]
RX_SWING[2:0]
4
—
LO buffer swing, in RX (to mixers)
0: Smallest load resistance (smallest swing)
…
7: Largest load resistance (largest swing)
Recommended setting: RX_SWING=2.
BUFF_SWING[2:0]
TX_SWING[2:0]
1
—
LO buffer swing, in TX (to power amplifier driver)
0: Smallest load resistance (smallest swing)
…
7: Largest load resistance (largest swing)
Recommended settings:
TX_SWING=4 for 402 to 470 MHz,
TX_SWING=0 for 804 to 960 MHz.
Table 5-43. BUFF_CURRENT Register (19h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
BUFF_CURRENT[7:6]
PRE_CURRENT[1:0]
1
—
Prescaler current scaling
0: Nominal current
1: 2/3 of nominal current
2: 1/2 of nominal current
3: 2/5 of nominal current
Recommended setting: PRE_CURRENT=0.
BUFF_CURRENT[5:3]
RX_CURRENT[2:0]
4
—
LO buffer current, in RX (to mixers)
0: Minimum buffer current
…
7: Maximum buffer current
Recommended setting: RX_CURRENT=4.
BUFF_CURRENT[2:0]
TX_CURRENT[2:0]
5
—
LO buffer current, in TX (to PA driver)
0: Minimum buffer current
…
7: Maximum buffer current
Recommended settings:
TX_CURRENT=2 for 402 to 470 MHz,
TX_CURRENT=5 for 804 to 960 MHz.
72
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com