Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 60Page - Texas Instruments CC1021-RTR1 Datasheet HTML 61Page - Texas Instruments CC1021-RTR1 Datasheet HTML 62Page - Texas Instruments CC1021-RTR1 Datasheet HTML 63Page - Texas Instruments CC1021-RTR1 Datasheet HTML 64Page - Texas Instruments CC1021-RTR1 Datasheet HTML 65Page - Texas Instruments CC1021-RTR1 Datasheet HTML 66Page - Texas Instruments CC1021-RTR1 Datasheet HTML 67Page - Texas Instruments CC1021-RTR1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
Table 5-23. FREQ_1A Register (05h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
FREQ_1A[7:0]
FREQ_1A[7:0]
177
—
Bit 15 to 8 of frequency control word A
Table 5-24. FREQ_0A Register (06h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
FREQ_0A[7:1]
FREQ_A[6:0]
124
—
7 LSB of frequency control word A
FREQ_0A[0]
DITHER_A
1
H
Enable dithering for frequency A
Table 5-25. CLOCK_A Register (07h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
CLOCK_A[7:5]
REF_DIV_A[2:0]
2
—
Reference frequency divisor (A):
0: Not supported
1: REF_CLK frequency = Crystal frequency / 2
…
7: REF_CLK frequency = Crystal frequency / 8
It is recommended to use the highest possible reference clock
frequency that allows the desired Baud rate.
CLOCK_A[4:2]
MCLK_DIV1_A[2:0]
4
—
Modem clock divider 1 (A):
0: Divide by 2.5
1: Divide by 3
2: Divide by 4
3: Divide by 7.5 (2.5 × 3)
4: Divide by 12.5 (2.5 × 5)
5: Divide by 40 (2.5 × 16)
6: Divide by 48 (3 × 16)
7: Divide by 64 (4 × 16)
CLOCK_A[1:0]
MCLK_DIV2_A[1:0]
0
—
Modem clock divider 2 (A):
0: Divide by 1
1: Divide by 2
2: Divide by 4
3: Divide by 8
MODEM_CLK frequency is FREF frequency divided by the product of
divider 1 and divider 2.
Baud rate is MODEM_CLK frequency divided by 8.
Table 5-26. FREQ_2B Register (08h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
FREQ_2B[7:0]
FREQ_B[22:15]
131
—
8 MSB of frequency control word B
Table 5-27. FREQ_1B Register (09h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
FREQ_1B[7:0]
FREQ_B[14:7]
189
—
8 MSB of frequency control word B
64
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com