Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 27Page - Texas Instruments CC1021-RTR1 Datasheet HTML 28Page - Texas Instruments CC1021-RTR1 Datasheet HTML 29Page - Texas Instruments CC1021-RTR1 Datasheet HTML 30Page - Texas Instruments CC1021-RTR1 Datasheet HTML 31Page - Texas Instruments CC1021-RTR1 Datasheet HTML 32Page - Texas Instruments CC1021-RTR1 Datasheet HTML 33Page - Texas Instruments CC1021-RTR1 Datasheet HTML 34Page - Texas Instruments CC1021-RTR1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
www.ti.com
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
For best RSSI accuracy, use AGC_AVG(1:0] = 11 during image rejection calibration (RSSI value is
averaged over 16 filter output samples). The RSSI register update rate then equals the receiver channel
bandwidth (set in FILTER register) divided by 8, as the filter output rate is twice the receiver channel
bandwidth. This gives the minimum waiting time between RSSI register reads (0.5 ms is used below). TI
recommends the following image calibration procedure:
1. Define 3 variables: XP = 0, XG = 0 and DX = 64. Go to step 3.
2. Set DX = DX/2.
3. Write XG to GAIN_COMP register.
If XP + 2 × DX < 127, then
write XP + 2 × DX to PHASE_COMP register
else
write 127 to PHASE_COMP register.
4. Wait at least 3 ms. Measure signal strength Y4 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
5. Write XP+DX to PHASE_COMP register.
6. Wait at least 3 ms. Measure signal strength Y3 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
7. Write XP to PHASE_COMP register.
8. Wait at least 3 ms. Measure signal strength Y2 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
9. Write XP-DX to PHASE_COMP register.
10. Wait at least 3 ms. Measure signal strength Y1 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
11. Write XP – 2 × DX to PHASE_COMP register.
12. Wait at least 3 ms. Measure signal strength Y0 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
13. Set AP = 2 × (Y0 – Y2 + Y4) – (Y1 + Y3).
14.
If AP > 0 then
set DP = ROUND ( 7 × DX × (2 × (Y0 – Y4) + Y1 – Y3) / (10 × AP))
else
if Y0 + Y1 > Y3 + Y4 then
set DP = DX
else
set DP = –DX.
15.
If DP > DX then
set DP = DX
else
if DP < –DX then set DP = –DX.
16. Set XP = XP + DP.
17. Write XP to PHASE_COMP register.
18.
If XG + 2 × DX < 127 then
write XG + 2 × DX to GAIN_COMP register
else
write 127 to GAIN_COMP register.
19. Wait at least 3 ms. Measure signal strength Y4 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
20. Write XG + DX to GAIN_COMP register.
21. Wait at least 3 ms. Measure signal strength Y3 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
22. Write XG to GAIN_COMP register.
23. Wait at least 3 ms. Measure signal strength Y2 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
31
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com