Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 108Page - Texas Instruments TMS570LS1114 Datasheet HTML 109Page - Texas Instruments TMS570LS1114 Datasheet HTML 110Page - Texas Instruments TMS570LS1114 Datasheet HTML 111Page - Texas Instruments TMS570LS1114 Datasheet HTML 112Page - Texas Instruments TMS570LS1114 Datasheet HTML 113Page - Texas Instruments TMS570LS1114 Datasheet HTML 114Page - Texas Instruments TMS570LS1114 Datasheet HTML 115Page - Texas Instruments TMS570LS1114 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 169 page
background image
N2HET1
N2HET2
ePWM1
2VCLK4cycles
PulseStrength
ePWM1_SYNCI
SYNCI
EXT_LOOP_SYNC
N2HET1_LOOP_SYNC
ePWM1_SYNCI_SYNCED
ePWM1_SYNCI_FILTERED
PINMMR47[8,9,10]
PINMMR36[25]
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
7.1.1
ePWM Clocking and Reset
Each ePWM module has a clock enable (EPWMxENCLK). When SYS_nRST is active low, the clock
enables are ignored and the ePWM logic is clocked so that it can reset to a proper state. When
SYS_nRST goes in-active high, the state of clock enable is respected.
Table 7-1. ePWMx Clock Enable Control
ePWM Module Instance
Control Register to Enable Clock
Default Value
ePWM1
PINMMR37[8]
1
ePWM2
PINMMR37[16]
1
ePWM3
PINMMR37[24]
1
ePWM4
PINMMR38[0]
1
ePWM5
PINMMR38[8]
1
ePWM6
PINMMR38[16]
1
ePWM7
PINMMR38[24]
1
The default value of the control registers to enable the clocks to the ePWMx modules is 1. This means
that the VCLK4 clock connections to the ePWMx modules are enabled by default. The application can
choose to gate off the VCLK4 clock to any ePWMx module individually by clearing the respective control
register bit.
7.1.2
Synchronization of ePWMx Time Base Counters
A time-base synchronization scheme connects all of the ePWM modules on a device. Each ePWM
module has a synchronization input (EPWMxSYNCI) and a synchronization output (EPWMxSYNCO). The
input synchronization for the first instance (ePWM1) comes from an external pin. Figure 7-1 shows the
synchronization connections for all the ePWMx modules. Each ePWM module can be configured to use or
ignore the synchronization input. Refer to the ePWM chapter in the TMS570LS12x/11x Technical
Reference Manual (SPNU515) for more information.
7.1.3
Synchronizing all ePWM Modules to the N2HET1 Module Time Base
The connection between the N2HET1_LOOP_SYNC and SYNCI input of ePWM1 module is implemented
as shown in Figure 7-2.
Figure 7-2. Synchronizing Time Bases Between N2HET1, N2HET2 and ePWMx Modules
112
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com