Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 109Page - Texas Instruments TMS570LS1114 Datasheet HTML 110Page - Texas Instruments TMS570LS1114 Datasheet HTML 111Page - Texas Instruments TMS570LS1114 Datasheet HTML 112Page - Texas Instruments TMS570LS1114 Datasheet HTML 113Page - Texas Instruments TMS570LS1114 Datasheet HTML 114Page - Texas Instruments TMS570LS1114 Datasheet HTML 115Page - Texas Instruments TMS570LS1114 Datasheet HTML 116Page - Texas Instruments TMS570LS1114 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
7.1.4
Phase-Locking the Time-Base Clocks of Multiple ePWM Modules
The TBCLKSYNC bit can be used to globally synchronize the time-base clocks of all enabled ePWM
modules on a device. This bit is implemented as PINMMR37 register bit 1.
When TBCLKSYNC = 0, the time-base clock of all ePWM modules is stopped. This is the default
condition.
When TBCLKSYNC = 1, all ePWM time-base clocks are started with the rising edge of TBCLK aligned.
For perfectly synchronized TBCLKs, the prescaler bits in the TBCTL register of each ePWM module must
be set identically. The proper procedure for enabling the ePWM clocks is as follows:
1. Enable the individual ePWM module clocks (if disable) using the control registers shown in Table 7-1.
2. Configure TBCLKSYNC = 0. This will stop the time-base clock within any enabled ePWM module.
3. Configure the prescaler values and desired ePWM modes.
4. Configure TBCLKSYNC = 1.
7.1.5
ePWM Synchronization with External Devices
The output sync from EPWM1 Module is also exported to a device output terminal so that multiple devices
can be synchronized together. The signal pulse is stretched by eight VCLK4 cycles before being exported
on the terminal as the EPWM1SYNCO signal.
7.1.6
ePWM Trip Zones
The ePWMx modules have six trip zone inputs each. These are active-low signals. The application can
control the ePWMx module response to each of the trip zone input separately. The timing requirements
from the assertion of the trip zone inputs to the actual response are specified in Section 7.1.8.
7.1.6.1
Trip Zones TZ1n, TZ2n, TZ3n
These three trip zone inputs are driven by external circuits and are connected to device-level inputs.
These signals are either connected asynchronously to the ePWMx trip zone inputs, or double-
synchronized with VCLK4, or double-synchronized and then filtered with a 6-cycle VCLK4-based counter
before connecting to the ePWMx. By default, the trip zone inputs are asynchronously connected to the
ePWMx modules.
Table 7-2. Connection to ePWMx Modules for Device-Level Trip Zone Inputs
Trip Zone Input
Control for
Control for Double-Synchronized
Control for Double-Synchronized and Filtered
Asynchronous
Connection to ePWMx
Connection to ePWMx
Connection to ePWMx
TZ1n
PINMMR46[16] = 1
PINMMR46[16] = 0 AND
PINMMR46[16] = 0 AND PINMMR46[17] = 0
PINMMR46[17] = 1
AND PINMMR46[18] = 1
TZ2n
PINMMR46[24] = 1
PINMMR46[24] = 0 AND
PINMMR46[24] = 0 AND PINMMR46[25] = 0
PINMMR46[25] = 1
AND PINMMR46[26] = 1
TZ3n
PINMMR47[0] = 1
PINMMR47[0] = 0 AND PINMMR47[1]
PINMMR47[0] = 0 AND PINMMR47[1] = 0 AND
= 1
PINMMR47[2] = 1
7.1.6.2
Trip Zone TZ4n
This trip zone input is dedicated to eQEPx error indications. There are two eQEP modules on this device.
Each eQEP module indicates a phase error by driving its EQEPxERR output High. The following control
registers allow the application to configure the trip zone input (TZ4n) to each ePWMx module based on
the application’s requirements.
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
113
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com