Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 113Page - Texas Instruments TMS570LS1114 Datasheet HTML 114Page - Texas Instruments TMS570LS1114 Datasheet HTML 115Page - Texas Instruments TMS570LS1114 Datasheet HTML 116Page - Texas Instruments TMS570LS1114 Datasheet HTML 117Page - Texas Instruments TMS570LS1114 Datasheet HTML 118Page - Texas Instruments TMS570LS1114 Datasheet HTML 119Page - Texas Instruments TMS570LS1114 Datasheet HTML 120Page - Texas Instruments TMS570LS1114 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 7-7. eCAPx Clock Enable Control
ePWM Module Instance
Control Register to Enable Clock
Default Value
eCAP1
PINMMR39[0]
1
eCAP2
PINMMR39[8]
1
eCAP3
PINMMR39[16]
1
eCAP4
PINMMR39[24]
1
eCAP5
PINMMR40[0]
1
eCAP6
PINMMR40[8]
1
The default value of the control registers to enable the clocks to the eCAPx modules is 1. This means that
the VCLK4 clock connections to the eCAPx modules are enabled by default. The application can choose
to gate off the VCLK4 clock to any eCAPx module individually by clearing the respective control register
bit.
7.2.2
PWM Output Capability of eCAPx
When not used in capture mode, each of the eCAPx modules can be used as a single-channel PWM
output. This is called the auxiliary PWM (APWM) mode of operation of the eCAP modules. Refer to the
eCAP chapter of the TMS570LS12x/11x Technical Reference Manual (SPNU515) for more information.
7.2.3
Input Connection to eCAPx Modules
The input connection to each of the eCAP modules can be selected between a double-VCLK4-
synchronized input or a double-VCLK4-synchronized and filtered input, as shown in Table 7-8.
Table 7-8. Device-Level Input Connection to eCAPx Modules
Input Signal
Control for Double-Synchronized Connection to
Control for Double-Synchronized and Filtered
eCAPx
Connection to eCAPx
eCAP1
PINMMR43[0] = 1
PINMMR43[0] = 0 AND PINMMR43[1] = 1
eCAP2
PINMMR43[8] = 1
PINMMR43[8] = 0 AND PINMMR43[9] = 1
eCAP3
PINMMR43[16] = 1
PINMMR43[16] = 0 AND PINMMR43[17] = 1
eCAP4
PINMMR43[24] = 1
PINMMR43[24] = 0 AND PINMMR43[25] = 1
eCAP5
PINMMR44[0] = 1
PINMMR44[0] = 0 AND PINMMR44[1] = 1
eCAP6
PINMMR44[8] = 1
PINMMR44[8] = 0 AND PINMMR44[9] = 1
7.2.4
Enhanced Capture Module (eCAP) Timings
Table 7-9. eCAPx Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(CAP)
Capture input pulse width
Synchronous
2 tc(VCLK4)
cycles
Synchronous, with input
2 tc(VCLK4) + filter width
cycles
filter
Table 7-10. eCAPx Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(APWM)
Pulse duration, APWMx output high or low
20
ns
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
117
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com