Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 115Page - Texas Instruments TMS570LS1114 Datasheet HTML 116Page - Texas Instruments TMS570LS1114 Datasheet HTML 117Page - Texas Instruments TMS570LS1114 Datasheet HTML 118Page - Texas Instruments TMS570LS1114 Datasheet HTML 119Page - Texas Instruments TMS570LS1114 Datasheet HTML 120Page - Texas Instruments TMS570LS1114 Datasheet HTML 121Page - Texas Instruments TMS570LS1114 Datasheet HTML 122Page - Texas Instruments TMS570LS1114 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
Table 7-12. Device-Level Input Connection to eCAPx Modules
Input Signal
Control for Double-Synchronized Connection to
Control for Double-Synchronized and Filtered
eQEPx
Connection to eQEPx
eQEP1A
PINMMR44[16] = 1
PINMMR44[16] = 0 and PINMMR44[17] = 1
eQEP1B
PINMMR44[24] = 1
PINMMR44[24] = 0 and PINMMR44[25] = 1
eQEP1I
PINMMR45[0] = 1
PINMMR45[0] = 0 and PINMMR45[1] = 1
eQEP1S
PINMMR45[8] = 1
PINMMR45[8] = 0 and PINMMR45[9] = 1
eQEP2A
PINMMR45[16] = 1
PINMMR45[16] = 0 and PINMMR45[17] = 1
eQEP2B
PINMMR45[24] = 1
PINMMR45[24] = 0 and PINMMR45[25] = 1
eQEP2I
PINMMR46[0] = 1
PINMMR46[0] = 0 and PINMMR46[1] = 1
eQEP2S
PINMMR46[8] = 1
PINMMR46[8] = 0 and PINMMR46[9] = 1
7.3.4
Enhanced Quadrature Encoder Pulse (eQEPx) Timing
Table 7-13. eQEPx Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(QEPP)
QEP input period
Synchronous
2 tc(VCLK4)
cycles
Synchronous, with input
2 tc(VCLK4) + filter width
cycles
filter
tw(INDEXH)
QEP Index Input High Time
Synchronous
2 tc(VCLK4)
cycles
Synchronous, with input
2 tc(VCLK4) + filter width
cycles
filter
tw(INDEXL)
QEP Index Input Low Time
Synchronous
2 tc(VCLK4)
cycles
Synchronous, with input
2 tc(VCLK4) + filter width
cycles
filter
tw(STROBH)
QEP Strobe Input High Time
Synchronous
2 tc(VCLK4)
cycles
Synchronous, with input
2 tc(VCLK4) + filter width
cycles
filter
tw(STROBL)
QEP Strobe Input Low Time
Synchronous
2 tc(VCLK4)
cycles
Synchronous, with input
2 tc(VCLK4) + filter width
cycles
filter
Table 7-14. eQEPx Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(CNTR)xin
Delay time, external clock to counter increment
4 tc(VCLK4)
cycles
td(PCS-OUT)QEP
Delay time, QEP input edge to position compare sync output
6 tc(VCLK4)
cycles
7.4
Multibuffered 12bit Analog-to-Digital Converter
The multibuffered A-to-D converter (MibADC) has a separate power bus for its analog circuitry that
enhances the A-to-D performance by preventing digital switching noise on the logic circuitry which could
be present on VSS and VCC from coupling into the A-to-D analog stage. All A-to-D specifications are given
with respect to ADREFLO unless otherwise noted.
Table 7-15. MibADC Overview
Description
Value
Resolution
12 bits
Monotonic
Assured
Output conversion code
00h to 3FFh [00 for VAI ≤ ADREFLO; 3FFh for VAI ≥ ADREFHI]
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
119
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com