Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS1114 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 117Page - Texas Instruments TMS570LS1114 Datasheet HTML 118Page - Texas Instruments TMS570LS1114 Datasheet HTML 119Page - Texas Instruments TMS570LS1114 Datasheet HTML 120Page - Texas Instruments TMS570LS1114 Datasheet HTML 121Page - Texas Instruments TMS570LS1114 Datasheet HTML 122Page - Texas Instruments TMS570LS1114 Datasheet HTML 123Page - Texas Instruments TMS570LS1114 Datasheet HTML 124Page - Texas Instruments TMS570LS1114 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 169 page
background image
TMS570LS1114
www.ti.com
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
NOTE
If ADEVT, N2HET1 or GIOB is used as a trigger source, the connection to the MibADC1
module trigger input is made from the output side of the input buffer. This way, a trigger
condition can be generated either by configuring the function as output onto the pad (through
the mux control), or by driving the function from an external trigger source as input. If the
mux control module is used to select different functionality instead of the ADEVT, N2HET1[x]
or GIOB[x] signals, then care must be taken to disable these signals from triggering
conversions; there is no multiplexing on the input connections.
If
ePWM_B,
ePWM_S2,
ePWM_AB,
N2HET2[1],
N2HET2[5],
N2HET2[13],
N2HET1[11], N2HET1[17] or N2HET1[19] is used to trigger the ADC the connection
to the ADC is made directly from the N2HET or ePWM module outputs. As a result,
the ADC can be triggered without having to enable the signal from being output on
a device terminal.
NOTE
For the RTI compare 0 interrupt source, the connection is made directly from the output of
the RTI module. That is, the interrupt condition can be used as a trigger source even if the
actual interrupt is not signaled to the CPU.
7.4.2.2
MIBADC2 Event Trigger Hookup
Table 7-17. MIBADC2 Event Trigger Hookup
Trigger Event Signal
Group Source
Select, G1SRC,
PINMMR30[0] = 0 and PINMMR30[1] = 1
Event #
PINMMR30[0] = 1
G2SRC or
Control for
Control for
(default)
Option A
Option B
EVSRC
Option A
Option B
000
1
AD2EVT
AD2EVT
—
AD2EVT
—
PINMMR31[16] =
PINMMR31[16] =
0 and
001
2
N2HET1[8]
N2HET2[5]
ePWM_B
1
PINMMR31[17] =
1
010
3
N2HET1[10]
N2HET1[27]
—
N2HET1[27]
—
PINMMR31[24] =
RTI Compare 0
RTI Compare 0
PINMMR31[24] =
0 and
011
4
ePWM_A1
Interrupt
Interrupt
1
PINMMR31[25] =
1
100
5
N2HET1[12]
N2HET1[17]
—
N2HET1[17]
—
PINMMR32[0] = 0
101
6
N2HET1[14]
N2HET1[19]
PINMMR32[0] = 1
N2HET2[1]
and
PINMMR32[1] = 1
PINMMR32[8] = 0
110
7
GIOB[0]
N2HET1[11]
PINMMR32[8] = 1
ePWM_A2
and
PINMMR32[9] = 1
PINMMR32[16] =
PINMMR32[16] =
0 and
111
8
GIOB[1]
N2HET2[13]
ePWM_AB
1
PINMMR32[17] =
1
Copyright © 2012–2015, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
121
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com