Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 118Page - National Semiconductor (TI) SC2200 Datasheet HTML 119Page - National Semiconductor (TI) SC2200 Datasheet HTML 120Page - National Semiconductor (TI) SC2200 Datasheet HTML 121Page - National Semiconductor (TI) SC2200 Datasheet HTML 122Page - National Semiconductor (TI) SC2200 Datasheet HTML 123Page - National Semiconductor (TI) SC2200 Datasheet HTML 124Page - National Semiconductor (TI) SC2200 Datasheet HTML 125Page - National Semiconductor (TI) SC2200 Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 433 page
background image
www.national.com
122
Revision 3.0
SuperI/O Module (Continued)
5
Alarm Interrupt. This interrupt is generated immediately after a time update in which the seconds, minutes, hours, date and
month time equal their respective alarm counterparts. It is cleared to 0 as long as bit 7 of the CRD Register is reads 0.
0: Disable.
1: Enable.
4
Update Ended Interrupt. This interrupt is generated when an update occurs. It is cleared to 0 on RTC reset (i.e., hardware
or software reset) or when the RTC is disable.
0: Disable.
1: Enable.
3
Reserved. This bit is defined as “Square Wave Enable” by the MC146818 and is not supported by the RTC. This bit is
always read as 0.
2
Data Mode. This bit is reset at VPP power-up reset only.
0: Enable BCD format.
1: Enable Binary format.
1
Hour Mode. This bit is reset at VPP power-up reset only.
0: Enable 12-hour format.
1: Enable 24-hour format.
0
Daylight Saving. This bit is reset at VPP power-up reset only.
0: Disable.
1: Enable:
- In the spring, time advances from1:59:59 AM to 3:00:00 AM on the first Sunday in April.
- In the fall, time returns from 1:59:59 AM to 1:00:00 AM on the last Sunday in October.
Index 0Ch
RTC Control Register C - CRC (RO)
Reset Type: Bit Specific
7
IRQ Flag. Mirrors the value on the interrupt output signal. When interrupt is active, IRQF is 1. To clear this bit (and deacti-
vate the interrupt pin), read the CRC Register as the flag bits UF, AF and PF are cleared after reading this register.
0: IRQ inactive.
1: Logic equation is true: ((UIE and UF) or (AIE and AF) or (PIE and PF)).
6
Periodic Interrupt Flag. Cleared to 0 on RTC reset (i.e., hardware or software reset) or the RTC disabled. In addition, this
bit is cleared to 0 when this register is read.
0: No transition occurred on the selected tap since the last read.
1: Transition occurred on the selected tap of the divider chain.
5
Alarm Interrupt Flag. Cleared to 0 as long as bit 7 of the CRD Register is reads 0. In addition, this bit is cleared to 0 when
this register is read.
0: No alarm detected since the last read.
1: Alarm condition detected.
4
Update Ended Interrupt Flag. Cleared to 0 on RTC reset (i.e., hardware or software reset) or the RTC disabled. In addition,
this bit is cleared to 0 when this register is read.
0: No update occurred since the last read.
1: Time registers updated.
3:0
Reserved.
Index 0Dh
RTC Control Register D - CRD (RO)
Reset Type: VPP PUR
7
Valid RAM and Time. This bit senses the voltage that feeds the RTC (VSB or VBAT) and indicates whether or not it was too
low since the last time this bit was read. If it was too low, the RTC contents (time/calendar registers and CMOS RAM) is not
valid.
0: The voltage that feeds the RTC was too low.
1: RTC contents (time/calendar registers and CMOS RAM) are valid.
6:0
Reserved.
Index Programmable
Date of Month Alarm Register - DOMA (R/W)
Reset Type: VPP PUR
7:0
Date of Month Alarm Data. Values may be 01 to 31 in BCD format or 01 to 1F in Binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected. (Default)
Table 4-20. RTC Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com