Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 120Page - National Semiconductor (TI) SC2200 Datasheet HTML 121Page - National Semiconductor (TI) SC2200 Datasheet HTML 122Page - National Semiconductor (TI) SC2200 Datasheet HTML 123Page - National Semiconductor (TI) SC2200 Datasheet HTML 124Page - National Semiconductor (TI) SC2200 Datasheet HTML 125Page - National Semiconductor (TI) SC2200 Datasheet HTML 126Page - National Semiconductor (TI) SC2200 Datasheet HTML 127Page - National Semiconductor (TI) SC2200 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 433 page
background image
www.national.com
124
Revision 3.0
SuperI/O Module (Continued)
4.5.3.1
Usage Hints
1)
Read bit 7 of CRD at each system power-up to vali-
date the contents of the RTC registers and the CMOS
RAM. When this bit is 0, the contents of these regis-
ters and the CMOS RAM are questionable. This bit is
resetwhen thebackupbattery voltageistoo low. The
voltage level at which this bit is reset is below the mini-
mum recommended battery voltage, 2.4V. Although
the RTC oscillator may function properly and the regis-
ter contents may be correct at lower than 2.4V, this bit
is reset since correct functionality cannot be guaran-
teed. System BIOS may use a checksum method to
revalidate the contents of the CMOS-RAM. The check-
sum byte should be stored in the same CMOS RAM.
2)
Change the backup battery while normal operating
power is present, and not in backup mode, to maintain
valid time and register information. If a low leakage
capacitor is connected to VBAT, the battery may be
changed in backup mode.
3)
A rechargeable NiCd battery may be used instead of a
non-rechargeable Lithium battery. This is a preferred
solution for portable systems, where small size com-
ponents is essential.
4)
A supercap capacitor may be used instead of the nor-
mal Lithium battery. In a portable system usually the
VSB voltage is always present since the power man-
agement stops the system before its voltage falls to
low. The supercap capacitor in the range of 0.047-
0.47 F should supply the power during the battery
replacement.
4.5.4
RTC General-Purpose RAM Map
Table 4-23. BCD and Binary Formats
Parameter
BCD Format
Binary Format
Seconds
00 to 59
00 to 3B
Minutes
00 to 59
00 to 3B
Hours
12-hour mode:
01 to 12 (AM)
81 to 92 (PM)
24-hour mode:
00 to 23
12-hour mode:
01 to 0C (AM)
81 to 8C (PM)
24-hour mode:
00 to 17
Day
01 to 07 (Sunday = 01)
01 to 07
Date
01 to 31
01 to 1F
Month
01 to 12 (January = 01)
01 to 0C
Year
00 to 99
00 to 63
Century
00 to99
00to63
Table 4-24. Standard RAM Map
Index
Description
0Eh - 7Fh
Battery-backed general-purpose 111-
byte RAM.
Table 4-25. Extended RAM Map
Index
Description
00h - 7Fh
Battery-backed general-purpose 128-
byte RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com