Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 116Page - National Semiconductor (TI) SC2200 Datasheet HTML 117Page - National Semiconductor (TI) SC2200 Datasheet HTML 118Page - National Semiconductor (TI) SC2200 Datasheet HTML 119Page - National Semiconductor (TI) SC2200 Datasheet HTML 120Page - National Semiconductor (TI) SC2200 Datasheet HTML 121Page - National Semiconductor (TI) SC2200 Datasheet HTML 122Page - National Semiconductor (TI) SC2200 Datasheet HTML 123Page - National Semiconductor (TI) SC2200 Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 433 page
background image
www.national.com
120
Revision 3.0
SuperI/O Module (Continued)
4.5.3
RTC Registers
The RTC registers can be accessed (see Section 4.4.2.1
"LDN 00h - Real-Time Clock" on page 107) at any time dur-
ing normal operation mode (i.e.,when VSB is within the rec-
ommended operation range). This access is disabled
during battery-backed operation. The write operation to
these registers is also disabled if bit 7 of the CRD Register
is 0.
Note:
Before attempting to perform any start-up proce-
dures, read about bit 7 (VRT) of the CRD Register.
This section describes the RTC Timing and Control Regis-
ters that control basic RTC functionality.
Table 4-19. RTC Register Map
Index
Type
Name
Reset
Type
00h
R/W
SEC. Seconds Register
VPP PUR
01h
R/W
SECA. Seconds Alarm Register
VPP PUR
02h
R/W
MIN. Minutes Register
VPP PUR
03h
R/W
MINA. Minutes Alarm Register
VPP PUR
04h
R/W
HOR. Hours Register
VPP PUR
05h
R/W
HORA. Hours Alarm Register
VPP PUR
06h
R/W
DOW. Day Of Week Register
VPP PUR
07h
R/W
DOM. Date Of Month Register
VPP PUR
08h
R/W
MON. Month Register
VPP PUR
09h
R/W
YER. Year Register
VPP PUR
0Ah
R/W
CRA. RTC Control Register A
Bit specific
0Bh
R/W
CRB. RTC Control Register B
Bit specific
0Ch
RO
CRC. RTC Control Register C
Bit specific
0Dh
RO
CRD. RTC Control Register D
VPP PUR
Programmable1
R/W
DOMA. Date of Month Alarm Register
VPP PUR
Programmable1
R/W
MONA. Month Alarm Register
VPP PUR
Programmable1
R/W
CEN. Century Register
VPP PUR
1.
Overlaid on RAM bytes in range 0Eh-7Fh. See Section 4.4.2.1 "LDN 00h - Real-Time Clock" on page 107.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com