Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 113Page - National Semiconductor (TI) SC2200 Datasheet HTML 114Page - National Semiconductor (TI) SC2200 Datasheet HTML 115Page - National Semiconductor (TI) SC2200 Datasheet HTML 116Page - National Semiconductor (TI) SC2200 Datasheet HTML 117Page - National Semiconductor (TI) SC2200 Datasheet HTML 118Page - National Semiconductor (TI) SC2200 Datasheet HTML 119Page - National Semiconductor (TI) SC2200 Datasheet HTML 120Page - National Semiconductor (TI) SC2200 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 433 page
background image
Revision 3.0
117
www.national.com
SuperI/O Module (Continued)
4.5.2.6
Power Supply
The device is supplied from two supply voltages, as shown
in Figure 4-8:
• System standby power supply voltage, VSB
• Backup voltage, from low capacity Lithium battery
A standby voltage, VSB, from the external AC/DC power
supply powers the RTC under normal conditions.
Figure 4-9 represents a typical battery configuration. No
external diode is required to meet the UL standard, due to
the internal switch and internal serial resistor RUL.
Figure 4-8. Power Supply Connections
Figure 4-9. Typical Battery Configuration
The RTC is supplied from one of two power supplies, VSB
or VBAT, according to their levels. An internal voltage com-
parator delivers the control signals to a pair of switches.
Battery backup voltage VBAT maintains the correct time and
saves the CMOS memory when the VSB voltage is absent,
due to power failure or disconnection of the external AC/DC
input power supply or VSB main battery.
To assure that the module uses power from VSB and not
from VBAT,the VSB voltage should be maintained above its
minimum, as detailed in Section 8.0 "Electrical Specifica-
tions" on page 357.
The actual voltage point where the module switches from
VBAT to VSB is lower than the minimum workable battery
voltage, but high enough to guarantee the correct function-
ality of the oscillator and the CMOS RAM.
Figure 4-10 shows typical battery current consumption dur-
ing battery-backed operation, and Figure 4-11 during nor-
mal operation.
Figure 4-10. Typical Battery Current: Battery
Backed Power Mode @ TC =25°C
Figure 4-11. Typical Battery Current: Normal
Operation Mode
RTC
Power
Backup
VDIGITAL
VSB
VDIGITAL
VSB
VBAT
Battery
External AC Power
Supply
VDIGITAL Sense
VSB
VBAT
VSB
PC0
VBAT
ONCTL#
ONCTL#
ACPI Controller
VBAT
0.1
µF
VSB
VSB
CF
CF
BT1
0.1
µF
VPP
RUL
VREF
RTC
Note:
Placea0.1
µF capacitor on each V
SB,VSBL
power supply pin as close as possible to the
pin, and also on VBAT.
VSBL
CF
0.1
µF
VSBL
IBAT (µA)
10.0
7.5
5.0
2.5
2.4 3.0 3.6
VBAT (V)
IBAT (µA)
0.75
0.50
0.25
3.0 3.3 3.6
VSB
Note: Battery voltage in this test is 3.0V.
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com