Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 111Page - National Semiconductor (TI) SC2200 Datasheet HTML 112Page - National Semiconductor (TI) SC2200 Datasheet HTML 113Page - National Semiconductor (TI) SC2200 Datasheet HTML 114Page - National Semiconductor (TI) SC2200 Datasheet HTML 115Page - National Semiconductor (TI) SC2200 Datasheet HTML 116Page - National Semiconductor (TI) SC2200 Datasheet HTML 117Page - National Semiconductor (TI) SC2200 Datasheet HTML 118Page - National Semiconductor (TI) SC2200 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 433 page
background image
Revision 3.0
115
www.national.com
SuperI/O Module (Continued)
External Elements
Choose C1 and C2 capacitors (see Figure 4-5 on page
114) to match the crystal’s load capacitance. The load
capacitance CL “seen” by crystal Y is comprised of C1 in
series with C2 and in parallel with the parasitic capacitance
of the circuit. The parasitic capacitance is caused by the
chip package, board layout and socket (if any), and can
vary from 0 to 10 pF. The rule of thumb in choosing these
capacitors is:
CL =(C1 *C2)/ (C1 +C2)+CPARASITIC
Example:
Crystal CL =10pF, CPARASITIC =8.2 pF
C1 =3.6 pF, C2 =3.6 pF
Oscillator Startup
The oscillator starts to generate 32.768 KHz pulses to the
RTC after about 100 msec from when VBAT is higher than
VBATMIN (2.4V) or VSB is higher than VSBMIN (3.0V). The
oscillation amplitude on the X32O pin stabilizes to its final
value (approximately 0.4V peak-to-peak around 0.7V DC)
in about 1 s.
C1 can be trimmed to achieve precisely 32.768 KHz. To
achieve a high time accuracy, use crystal and capacitors
with low tolerance and temperature coefficients.
4.5.2.2
External Oscillator
32.768 KHz can be applied from an external clock source,
as showninFigure 4-6.
Connections
Connect the clock to the X32I ball, leaving the oscillator
output, X32O, unconnected.
Signal Parameters
The signal levels should conform to the voltage level
requirements for X32I, of square or sine wave of 0.0V to
VCORE amplitude. The signal should have a duty cycle of
approximately 50%. It should be sourced from a battery-
backed source in order to oscillate during power-down.
This assures that the RTC delivers updated time/calendar
information.
4.5.2.3
Timing Generation
The timing generation function divides the 32.768 KHz
clockby215 to derive a 1 Hz signal, which serves as the
input for the seconds counter. This is performed by a
divider chain composed of 15 divide-by-two latches, as
shown inFigure4-7.
Bits [6:4] (DV[2:0]) of the CRA Register control the follow-
ing functions:
• Normal operation of the divider chain (counting).
• Divider chain reset to 0.
• Oscillator activity when only VBAT power is present
(backup state).
The divider chain can be activated by setting normal opera-
tional mode (bits [6:4] of CRA = 01x or 100). The first
update occurs 500 msec after divider chain activation.
Bits [3:0] of CRA select one the of fifteen taps from the
divider chain to be used as a periodic interrupt. The peri-
odic flag becomes active after half of the programmed
period has elapsed, following divider chain activation.
See Table 4-20 on page 121 for more details.
Figure 4-6. External Oscillator Connections
Figure 4-7. Divider Chain Control
32.768 KHz
Clock Generator
Internal
External
CLKIN
X32O
NC
To other
modules
Battery
VBAT
B1
CF
CF
OUT
POWER
CF =0.1 µF
(X32I)
R1
R2
R2 =30KΩ
R1 =30 KΩ
3.3V square wave
32.768 KHz
2
1
2
2
2
3
2
13
2
14
2
15
1Hz
Divider Chain
DV2 DV1 DV0
CRA Register
Oscillator
Enable
X32I
X32O
To other
Reset
6
5
4
modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com