Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 108Page - National Semiconductor (TI) SC2200 Datasheet HTML 109Page - National Semiconductor (TI) SC2200 Datasheet HTML 110Page - National Semiconductor (TI) SC2200 Datasheet HTML 111Page - National Semiconductor (TI) SC2200 Datasheet HTML 112Page - National Semiconductor (TI) SC2200 Datasheet HTML 113Page - National Semiconductor (TI) SC2200 Datasheet HTML 114Page - National Semiconductor (TI) SC2200 Datasheet HTML 115Page - National Semiconductor (TI) SC2200 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 433 page
background image
www.national.com
112
Revision 3.0
SuperI/O Module (Continued)
4.4.2.5
LDN 05h and 06h - ACCESS.bus Ports 1 and 2
ACCESS.bus ports 1and2(ACB1 andACB2) areidenti-
cal. Each ACB is a two-wire synchronous serial interface
compatible with the ACCESS.bus physical layer. ACB1 and
ACB2 use a 24 MHz internal clock. Six runtime registers for
each
ACCESS.bus
are
described
in
Section
4.7
"ACCESS.bus Interface" on page 130.
ACB1 is designated as LDN 05h and ACB2 as LDN 06h.
Table 4-13 lists the configuration registers which affect the
ACCESS.bus ports. Only the last register (F0h) is
described here (Table 4-14). See Table 4-3 "Standard Con-
figuration Registers" on page 104 for descriptions of the
others.
Table 4-13. Relevant ACB1 and ACB2 Registers
Index
Type
Configuration Register or Action
Reset
Value
30h
R/W
Activate. See also bit 0 of the SIOCF1 register
00h
60h
R/W
Base Address MSB register.
00h
61h
R/W
Base Address LSB register. Bits [2:0] (for A[2:0]) are RO, 000b.
00h
70h
R/W
Interrupt Number.
00h
71h
R/W
Interrupt Type. Bit 1 is R/W. Other bits are RO.
03h
74h
RO
Report no DMA assignment.
04h
75h
RO
Report no DMA assignment.
04h
F0h
R/W
ACB1 and ACB2 Configuration register.
00h
Table 4-14. ACB1 and ACB2 Configuration Register
Bit
Description
Index F0h
ACB1 and ACB2 Configuration Register (R/W)
This register is reset by hardware to 00h.
7:3
Reserved.
2
Internal Pull-Up Enable.
0: No internal pull-up resistors on AB1C/AB2C and AB1D/AB2D. (Default)
1: Internal pull-up resistors on AB1C/AB2C and AB1D/AB2D.
1:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com