Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 109Page - National Semiconductor (TI) SC2200 Datasheet HTML 110Page - National Semiconductor (TI) SC2200 Datasheet HTML 111Page - National Semiconductor (TI) SC2200 Datasheet HTML 112Page - National Semiconductor (TI) SC2200 Datasheet HTML 113Page - National Semiconductor (TI) SC2200 Datasheet HTML 114Page - National Semiconductor (TI) SC2200 Datasheet HTML 115Page - National Semiconductor (TI) SC2200 Datasheet HTML 116Page - National Semiconductor (TI) SC2200 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 433 page
background image
Revision 3.0
113
www.national.com
SuperI/O Module (Continued)
4.4.2.6
LDN 07h - Parallel Port
The Parallel Port supports all IEEE 1284 standard commu-
nication modes: Compatibility (known also as Standard or
SPP), Bidirectional (known also as PS/2), FIFO, EPP
(known also as Mode 4) and ECP (with an optional
Extended ECP mode).
The Parallel Port includes two groups of runtime registers,
as follows:
• A group of 21 registers at first level offset, sharing 14
entries. Three of these registers (at Offset 403h, 404h,
and 405h) are used only in the Extended ECP mode.
• A group of four registers, used only in the Extended ECP
mode, accessed by a second level offset.
The desired mode is selected by the ECR runtime register
(Offset 402h). The selected mode determines which runt-
ime registers are used and which address bits are used for
the base address. (See Section 4.8.1 on page 138 for fur-
ther details regarding the runtime registers.)
Table 4-15 lists the configuration registers which affect the
Parallel Port. Only the last register (F0h) is described here
(Table 4-16). See Table 4-3 "Standard Configuration Regis-
ters" on page 104 for descriptions of the others.
Table 4-15. Relevant Parallel Port Registers
Index
Type
Configuration Register or Action
Reset
Value
30h
R/W
Activate. See also bit 0 of the SIOCF1 register.
00h
60h
R/W
Base Address MSB register. Bits [7:3] (for A[15:11]) are RO, 00000b. Bit 2 (for A10)
should be 0b.
02h
61h
R/W
Base Address LSB register. Bits 1 and 0 (A1 and A0) are RO, 00b. For ECP Mode 4
(EPP) or when using the Extended registers, bit 2 (A2) should also be 0b.
78h
70h
R/W
Interrupt Number.
07h
71h
R/W
Interrupt Type.
Bits [7:2] are RO.
Bit 1 is R/W.
Bit 0 is RO. It reflects the interrupt type dictated by the Parallel Port operation mode.
This bit is set to 1 (level interrupt) in Extended Mode and cleared (edge interrupt) in all
other modes.
02h
74h
R/W
DMA Channel Select.
04h
75h
RO
Report no second DMA assignment.
04h
F0h
R/W
Parallel Port Configuration register. (See Table 4-16.)
F2h
Table 4-16. Parallel Port Configuration Register
Bit
Description
Index F0h
Parallel Port Configuration Register (R/W)
Reset Value: F2h
This register is reset by hardware to F2h.
7:5
Reserved. Must be 11.
4
Extended Register Access.
0: Registers at base (address)+403h, base+404h and base+405h are not accessible (reads and writes are ignored).
1: Registers at base (address)+403h, base+404h and base+405h are accessible. This option supports run-time configura-
tion within the Parallel Port address space.
3:2
Reserved.
1
Power Mode Control. When the logical device is active:
0: Parallel port clock disabled. ECP modes and EPP timeout are not functional when the logical device is active. Registers
are maintained.
1: Parallel port clock enabled. All operation modes are functional when the logical device is active. (Default)
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disable. (Default)
1: Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com