Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 107Page - National Semiconductor (TI) SC2200 Datasheet HTML 108Page - National Semiconductor (TI) SC2200 Datasheet HTML 109Page - National Semiconductor (TI) SC2200 Datasheet HTML 110Page - National Semiconductor (TI) SC2200 Datasheet HTML 111Page - National Semiconductor (TI) SC2200 Datasheet HTML 112Page - National Semiconductor (TI) SC2200 Datasheet HTML 113Page - National Semiconductor (TI) SC2200 Datasheet HTML 114Page - National Semiconductor (TI) SC2200 Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 433 page
background image
Revision 3.0
111
www.national.com
SuperI/O Module (Continued)
4.4.2.4
LDN 03h and 08h - Serial Ports 1 and 2
Serial Ports 1 and 2 are identical, except for their reset val-
ues.
Serial Port 1 is designated as LDN 03h and Serial Port 2 as
LDN 08h. Table 4-11 lists the configuration registers which
affect Serial Ports 1 and 2. Only the last register (F0h) is
described here (Table 4-12). See Table 4-3 "Standard Con-
figuration Registers" on page 104 for descriptions of the
others.
Table 4-11. Relevant Serial Ports 1 and 2 Registers
Index
Type
Configuration Register or Action
Reset Value
Port 1
Port 2
30h
R/W
Activate. See also bit 0 of the SIOCF1 register.
00h
00h
60h
R/W
Base Address MSB register. Bits [7:3] (for A[15:11]) are RO, 00000b.
03h
02h
61h
R/W
Base Address LSB register. Bit [2:0] (for A[2:0]) are RO, 000b.
F8h
F8h
70h
R/W
Interrupt Number.
04h
03h
71h
R/W
Interrupt Type. Bit 1 is R/W; other bits are RO.
03h
03h
74h
RO
Report no DMA assignment.
04h
04h
75h
RO
Report no DMA assignment.
04h
04h
F0h
R/W
Serial Ports 1 and 2 Configuration register.
02h
02h
Table 4-12. Serial Ports 1 and 2 Configuration Register
Bit
Description
Index F0h
Serial Ports 1 and 2 Configuration Register (R/W)
Reset Value: 02h
7
Bank Select Enable. Enables bank switching for Serial Ports 1 and 2.
0: Disabled. (Default)
1: Enabled.
6:3
Reserved.
2
Busy Indicator. (RO) This bit can be used by power management software to decide when to power-down Serial Ports 1
and 2 logical devices.
0: No transfer in progress. (Default)
1: Transfer in progress.
1
Power Mode Control. When the logical device is active in:
0: Low power mode - Serial Ports 1 and 2 Clock disabled. The output signals are set to their default states. Registers are
maintained. (Unlike Active bit in Index 30h that also prevents access to Serial Ports 1 or 2 registers.)
1: Normal power mode - Serial Ports 1 and 2 clock enabled. Serial Ports 1 and 2 are functional when the respective logical
devices are active. (Default)
0
TRI-STATE Control. This bit controls the TRI-STATE status of the device output pins when it is inactive (disabled).
0: Disabled. (Default)
1: Enabled when device inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com