Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 183 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 183 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 179Page - National Semiconductor (TI) SC2200 Datasheet HTML 180Page - National Semiconductor (TI) SC2200 Datasheet HTML 181Page - National Semiconductor (TI) SC2200 Datasheet HTML 182Page - National Semiconductor (TI) SC2200 Datasheet HTML 183Page - National Semiconductor (TI) SC2200 Datasheet HTML 184Page - National Semiconductor (TI) SC2200 Datasheet HTML 185Page - National Semiconductor (TI) SC2200 Datasheet HTML 186Page - National Semiconductor (TI) SC2200 Datasheet HTML 187Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 433 page
background image
Revision 3.0
183
www.national.com
Core Logic Module (Continued)
5.2.12.6 LPC Interface Signal Definitions
The LPC specification lists seven required and six optional
signals for supporting the LPC interface. Many of the sig-
nals are the same signals found on the PCI interface and
do not require any new pins on the host. Required signals
must be implemented by both hosts and peripherals.
Optional signals may or may not be present on particular
hosts or peripherals.
The Core Logic module incorporates all the required LPC
interface signals and two of the optional signals:
• Required LPC signals:
— LAD[3:0] - Multiplexed Command, Address and Data.
— LFRAME# -Frame:Indicates startofanewcycle,
termination of broken cycle.
— LRESET# - Reset: This signal is not available. Use
PCI Reset signal PCIRST# instead.
— LCLK - Clock: This signal is not available. Use PCI 33
MHz clock signal PCICLK instead.
• Core Logic module optional LPC signals:
— LDRQ# - Encoded DMA/Bus Master Request: Only
needed by peripheral that need DMA or bus
mastering. Peripherals may not share the LDRQ#
signal.
— SERIRQ - Serialized IRQ: Only needed by periph-
erals that need interrupt support.
— LPCPD# - Power Down: Indicates that the peripheral
should prepare for power to the LPC interface to be
shut down. Optional for the host.
5.2.12.7 Cycle Types
Table 5-12 shows the various types of cycles that are sup-
ported by the Core Logic module.
5.2.12.8 LPC Interface Support
The LPC interface supports all the features described in
the LPC Bus Interface specification, revision 1.0, with the
following exceptions:
• Only 8- or 16-bit DMA, depending on channel number.
Does not support the optional larger transfer sizes.
• Only one external DRQ pin.
Table5-12. CycleTypes
Cycle Type
Supported Sizes
(Bytes)
Memory Read
1
Memory Write
1
I/O Read
1
I/O Write
1
DMA Read
1 or 2
DMA Write
1 or 2
Bus Master Memory Read
1, 2, or 4
Bus Master Memory Write
1, 2, or 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com