Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 187 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 187 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 183Page - National Semiconductor (TI) SC2200 Datasheet HTML 184Page - National Semiconductor (TI) SC2200 Datasheet HTML 185Page - National Semiconductor (TI) SC2200 Datasheet HTML 186Page - National Semiconductor (TI) SC2200 Datasheet HTML 187Page - National Semiconductor (TI) SC2200 Datasheet HTML 188Page - National Semiconductor (TI) SC2200 Datasheet HTML 189Page - National Semiconductor (TI) SC2200 Datasheet HTML 190Page - National Semiconductor (TI) SC2200 Datasheet HTML 191Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 433 page
background image
Revision 3.0
187
www.national.com
Core Logic Module (Continued)
BAh
8
RO
PIT Shadow Register
xxh
Page 225
BBh
8
RO
RTC Index Shadow Register
xxh
Page 225
BCh
8
R/W
Clock Stop Control Register
00h
Page 225
BDh-BFh
---
---
Reserved
00h
Page 225
C0h-C3h
32
R/W
User Defined Device 1 Base Address Register
00000000h
Page 225
C4h-C7h
32
R/W
User Defined Device 2 Base Address Register
00000000h
Page 226
C8h-CBh
32
R/W
User Defined Device 3 Base Address Register
00000000h
Page 226
CCh
8
R/W
User Defined Device 1 Control Register
00h
Page 226
CDh
8
R/W
User Defined Device 2 Control Register
00h
Page 226
CEh
8
R/W
User Defined Device 3 Control Register
00h
Page 227
CFh
---
---
Reserved
00h
Page 227
D0h
8
WO
Software SMI Register
00h
Page 227
D1h-EBh
16
---
Reserved
00h
Page 227
ECh
8
R/W
Timer Test Register
00h
Page 227
EDh-F3h
---
---
Reserved
00h
Page 227
F4h
8
RC
Second Level PME/SMI Status Register 1
00h
Page 227
F5h
8
RC
Second Level PME/SMI Status Register 2
00h
Page 228
F6h
8
RC
Second Level PME/SMI Status Register 3
00h
Page 229
F7h
8
RC
Second Level PME/SMI Status Register 4
00h
Page 230
F8h-FFh
---
---
Reserved
00h
Page 230
Table 5-14. F0: PCI Header and Bridge Configuration Registers
for GPIO and LPC Support Summary (Continued)
F0 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com