Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 186Page - National Semiconductor (TI) SC2200 Datasheet HTML 187Page - National Semiconductor (TI) SC2200 Datasheet HTML 188Page - National Semiconductor (TI) SC2200 Datasheet HTML 189Page - National Semiconductor (TI) SC2200 Datasheet HTML 190Page - National Semiconductor (TI) SC2200 Datasheet HTML 191Page - National Semiconductor (TI) SC2200 Datasheet HTML 192Page - National Semiconductor (TI) SC2200 Datasheet HTML 193Page - National Semiconductor (TI) SC2200 Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 433 page
background image
www.national.com
190
Revision 3.0
Core Logic Module (Continued)
Table 5-19. F1BAR1: ACPI Support Registers Summary
F1BAR1+
I/O Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-34)
00h-03h
32
R/W
P_CNT — Processor Control Register
00000000h
Page 253
04h
8
RO
Reserved, do not read
00h
Page 253
05h
8
RO
P_LVL3 — Enter C3 Power State Register
xxh
Page 253
06h
8
R/W
SMI_CMD — OS/BIOS Requests Register
00h
Page 253
07h
8
R/W
ACPI_FUN_CNT — ACPI Function Control Register
00h
Page 253
08h-09h
16
R/W
PM1A_STS — PM1A Status Register
0000h
Page 254
0Ah-0Bh
16
R/W
PM1A_EN — PM1A Enable Register
0000h
Page 255
0Ch-0Dh
16
R/W
PM1A_CNT — PM1A Control Register
0000h
Page 255
0Eh
8
R/W
ACPI_BIOS_STS Register
00h
Page 256
0Fh
8
R/W
ACPI_BIOS_EN Register
00h
Page 256
10h-11h
16
R/W
GPE0_STS — General Purpose Event 0 Status Register
xxxxh
Page 256
12h-13h
16
R/W
GPE0_EN — General Purpose Event 0 Enable Register
0000h
Page 258
14h
8
R/W
GPWIO Control Register 1
00h
Page 259
15h
8
R/W
GPWIO Control Register 2
00h
Page 259
16h
8
R/W
GPWIO Data Register
00h
Page 260
17h
---
---
Reserved
00h
Page 260
18h-1Bh
32
R/W
ACPI SCI_ROUTING Register
00000F00h
Page 260
1Ch-1Fh
32
RO
PM_TMR — ACPI Timer Register
xxxxxxxxh
Page 261
20h
8
R/W
PM2_CNT — PM2 Control Register
00h
Page 261
21h-FFh
---
---
Not Used
00h
Page 261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com