Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 193 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 193 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 189Page - National Semiconductor (TI) SC2200 Datasheet HTML 190Page - National Semiconductor (TI) SC2200 Datasheet HTML 191Page - National Semiconductor (TI) SC2200 Datasheet HTML 192Page - National Semiconductor (TI) SC2200 Datasheet HTML 193Page - National Semiconductor (TI) SC2200 Datasheet HTML 194Page - National Semiconductor (TI) SC2200 Datasheet HTML 195Page - National Semiconductor (TI) SC2200 Datasheet HTML 196Page - National Semiconductor (TI) SC2200 Datasheet HTML 197Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 433 page
background image
Revision 3.0
193
www.national.com
Core Logic Module (Continued)
Table 5-23. F3BAR0: XpressAUDIO Support Registers Summary
F3BAR0+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-38)
00h-03h
32
R/W
Codec GPIO Status Register
00000000h
Page 269
04h-07h
32
R/W
Codec GPIO Control Register
00000000h
Page 269
08h-0Bh
32
R/W
Codec Status Register
00000000h
Page 269
0Ch-0Fh
32
R/W
Codec Command Register
00000000h
Page 270
10h-11h
16
RC
Second Level Audio SMI Status Register
0000h
Page 270
12h-13h
16
RO
Second Level Audio SMI Status Mirror Register
0000h
Page 271
14h-17h
32
RO
I/O Trap SMI and Fast Write Status Register
00000000h
Page 272
18h-19h
16
R/W
I/O Trap SMI Enable Register
0000h
Page 273
1Ah-1Bh
16
R/W
Internal IRQ Enable Register
0000h
Page 274
1Ch-1Fh
32
R/W
Internal IRQ Control Register
00000000h
Page 275
20h
8
R/W
Audio Bus Master 0 Command Register
00h
Page 276
21h
8
RC
Audio Bus Master 0 SMI Status Register
00h
Page 277
22h-23h
---
---
Not Used
---
Page 277
24h-27h
32
R/W
Audio Bus Master 0 PRD Table Address
00000000h
Page 277
28h
8
R/W
Audio Bus Master 1 Command Register
00h
Page 277
29h
8
RC
Audio Bus Master 1 SMI Status Register
00h
Page 278
2Ah-2Bh
---
---
Not Used
---
Page 278
2Ch-2Fh
32
R/W
Audio Bus Master 1 PRD Table Address
00000000h
Page 278
30h
8
R/W
Audio Bus Master 2 Command Register
00h
Page 278
31h
8
RC
Audio Bus Master 2 SMI Status Register
00h
Page 279
32h-33h
---
---
Not Used
00h
Page 279
34h-37h
32
R/W
Audio Bus Master 2 PRD Table Address
00000000h
Page 279
38h
8
R/W
Audio Bus Master 3 Command Register
00h
Page 279
39h
8
RC
Audio Bus Master 3 SMI Status Register
00h
Page 280
3Ah-3Bh
---
---
Not Used
---
Page 280
3Ch-3Fh
32
R/W
Audio Bus Master 3 PRD Table Address
00000000h
Page 280
40h
8
R/W
Audio Bus Master 4 Command Register
00h
Page 280
41h
8
RC
Audio Bus Master 4 SMI Status Register
00h
Page 281
42h-43h
---
---
Not Used
---
Page 281
44h-47h
32
R/W
Audio Bus Master 4 PRD Table Address
00000000h
Page 281
48h
8
R/W
Audio Bus Master 5 Command Register
00h
Page 281
49h
8
RC
Audio Bus Master 5 SMI Status Register
00h
Page 282
4Ah-4Bh
---
---
Not Used
---
Page 282
4Ch-4Fh
32
R/W
Audio Bus Master 5 PRD Table Address
00000000h
Page 282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com