Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 187Page - National Semiconductor (TI) SC2200 Datasheet HTML 188Page - National Semiconductor (TI) SC2200 Datasheet HTML 189Page - National Semiconductor (TI) SC2200 Datasheet HTML 190Page - National Semiconductor (TI) SC2200 Datasheet HTML 191Page - National Semiconductor (TI) SC2200 Datasheet HTML 192Page - National Semiconductor (TI) SC2200 Datasheet HTML 193Page - National Semiconductor (TI) SC2200 Datasheet HTML 194Page - National Semiconductor (TI) SC2200 Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 433 page
background image
Revision 3.0
191
www.national.com
Core Logic Module (Continued)
Table 5-20. F2: PCI Header Registers for IDE Controller Support Summary
F2 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-35)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 262
02h-03h
16
RO
Device Identification Register
0502h
Page 262
04h-05h
16
R/W
PCI Command Register
0000h
Page 262
06h-07h
16
RO
PCI Status Register
0280h
Page 262
08h
8
RO
Device Revision ID Register
01h
Page 262
09h-0Bh
24
RO
PCI Class Code Register
010180h
Page 262
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 262
0Dh
8
RO
PCI Latency Timer Register
00h
Page 262
0Eh
8
RO
PCI Header Type Register
00h
Page 262
0Fh
8
RO
PCI BIST Register
00h
Page 262
10h-13h
32
RO
Base Address Register 0 (F2BAR0) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 262
14h-17h
32
RO
Base Address Register 1 (F2BAR1) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 262
18h-1Bh
32
RO
Base Address Register 2 (F2BAR2) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 262
1Ch-1Fh
32
RO
Base Address Register 3 (F2BAR3) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 262
20h-23h
32
R/W
Base Address Register 4 (F2BAR4) — Sets the base address for
the I/O mapped Bus Master IDE Registers (summarized in Table
5-21)
00000001h
Page 262
24h-2Bh
---
---
Reserved
00h
Page 262
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 262
2Eh-2Fh
16
RO
Subsystem ID
0502h
Page 262
30h-3Fh
---
---
Reserved
00h
Page 262
40h-43h
32
R/W
Channel 0 Drive 0 PIO Register
00009172h
Page 263
44h-47h
32
R/W
Channel 0 Drive 0 DMA Control Register
00077771h
Page 264
48h-4Bh
32
R/W
Channel 0 Drive 1 PIO Register
00009172h
Page 265
4Ch-4Fh
32
R/W
Channel 0 Drive 1 DMA Control Register
00077771h
Page 265
50h-53h
32
R/W
Channel 1 Drive 0 PIO Register
00009172h
Page 265
54h-57h
32
R/W
Channel 1 Drive 0 DMA Control Register
00077771h
Page 265
58h-5Bh
32
R/W
Channel 1 Drive 1 PIO Register
00009172h
Page 265
5Ch-5Fh
32
R/W
Channel 1 Drive 1 DMA Control Register
00077771h
Page 265
60h-FFh
---
---
Reserved
00h
Page 265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com