Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 192 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 192 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 188Page - National Semiconductor (TI) SC2200 Datasheet HTML 189Page - National Semiconductor (TI) SC2200 Datasheet HTML 190Page - National Semiconductor (TI) SC2200 Datasheet HTML 191Page - National Semiconductor (TI) SC2200 Datasheet HTML 192Page - National Semiconductor (TI) SC2200 Datasheet HTML 193Page - National Semiconductor (TI) SC2200 Datasheet HTML 194Page - National Semiconductor (TI) SC2200 Datasheet HTML 195Page - National Semiconductor (TI) SC2200 Datasheet HTML 196Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 433 page
background image
www.national.com
192
Revision 3.0
Core Logic Module (Continued)
Table 5-21. F2BAR4: IDE Controller Support Registers Summary
F2BAR4+
I/O Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-36)
00h
8
R/W
IDE Bus Master 0 Command Register — Primary
00h
Page 266
01h
---
---
Not Used
---
Page 266
02h
8
R/W
IDE Bus Master 0 Status Register — Primary
00h
Page 266
03h
---
---
Not Used
---
Page 266
04h-07h
32
R/W
IDE Bus Master 0 PRD Table Address — Primary
00000000h
Page 266
08h
8
R/W
IDE Bus Master 1 Command Register — Secondary
00h
Page 267
09h
---
---
Not Used
---
Page 267
0Ah
8
R/W
IDE Bus Master 1 Status Register — Secondary
00h
Page 267
0Bh
---
---
Not Used
---
Page 267
0Ch-0Fh
32
R/W
IDE Bus Master 1 PRD Table Address — Secondary
00000000h
Page 267
Table 5-22. F3: PCI Header Registers for XpressAUDIO Support Summary
F3 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-37)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 268
02h-03h
16
RO
Device Identification Register
0503h
Page 268
04h-05h
16
R/W
PCI Command Register
0000h
Page 268
06h-07h
16
RO
PCI Status Register
0280h
Page 268
08h
8
RO
Device Revision ID Register
00h
Page 268
09h-0Bh
24
RO
PCI Class Code Register
040100h
Page 268
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 268
0Dh
8
RO
PCI Latency Timer Register
00h
Page 268
0Eh
8
RO
PCI Header Type Register
00h
Page 268
0Fh
8
RO
PCI BIST Register
00h
Page 268
10h-13h
32
R/W
Base Address Register 0 (F3BAR0) — Sets the base address for
the memory mapped VSA audio interface control register block
(summarized in Table 5-23).
00000000h
Page 268
14h-2Bh
---
---
Reserved
00h
Page 268
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 268
2Eh-2Fh
16
RO
Subsystem ID
0503h
Page 268
30h-FFh
---
---
Reserved
00h
Page 268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com