Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2200 Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 181Page - National Semiconductor (TI) SC2200 Datasheet HTML 182Page - National Semiconductor (TI) SC2200 Datasheet HTML 183Page - National Semiconductor (TI) SC2200 Datasheet HTML 184Page - National Semiconductor (TI) SC2200 Datasheet HTML 185Page - National Semiconductor (TI) SC2200 Datasheet HTML 186Page - National Semiconductor (TI) SC2200 Datasheet HTML 187Page - National Semiconductor (TI) SC2200 Datasheet HTML 188Page - National Semiconductor (TI) SC2200 Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 433 page
background image
Revision 3.0
185
www.national.com
Core Logic Module (Continued)
5.3.2
Register Summary
The tables in this subsection summarize the registers of
the Core Logic module. Included in the tables are the regis-
ter’s reset values and page references where the bit for-
mats are found.
Note:
Function 4 (F4) is for Video Processor support
(although accessed through the Core Logic PCI
configuration registers). Refer to Section 6.3.1
"Register Summary" on page 334 for details.
Table 5-14. F0: PCI Header and Bridge Configuration Registers
for GPIO and LPC Support Summary
F0 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-29)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 199
02h-03h
16
RO
Device Identification Register
0500h
Page 199
04h-05h
16
R/W
PCI Command Register
000Fh
Page 199
06h-07h
16
R/W
PCI Status Register
0280h
Page 200
08h
8
RO
Device Revision ID Register
00h
Page 200
09h-0Bh
24
RO
PCI Class Code Register
060100h
Page 201
0Ch
8
R/W
PCI Cache Line Size Register
00h
Page 201
0Dh
8
R/W
PCI Latency Timer Register
00h
Page 201
0Eh
8
RO
PCI Header Type Register
80h
Page 201
0Fh
8
RO
PCI BIST Register
00h
Page 201
10h-13h
32
R/W
Base Address Register 0 (F0BAR0) — Sets the base address for
the I/O mapped GPIO Runtime and Configuration Registers (sum-
marized in Table 5-15).
00000001h
Page 201
14h-17h
32
R/W
Base Address Register 1 (F0BAR1) — Sets the base address for
the I/O mapped LPC Configuration Registers (summarized in
Table 5-16)
00000001h
Page 201
18h-2Bh
---
---
Reserved
00h
Page 201
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 201
2Eh-2Fh
16
RO
Subsystem ID
0500h
Page 201
30h-3Fh
---
---
Reserved
00h
Page 201
40h
8
R/W
PCI Function Control Register 1
39h
Page 202
41h
8
R/W
PCI Function Control Register 2
00h
Page 202
42h
---
---
Reserved
00h
Page 203
43h
8
R/W
PIT Delayed Transactions Register
02h
Page 203
44h
8
R/W
Reset Control Register
01h
Page 203
45h
---
---
Reserved
00h
Page 204
46h
8
R/W
PCI Functions Enable Register
FEh
Page 204
47h
8
R/W
Miscellaneous Enable Register
00h
Page 204
48h-4Bh
---
---
Reserved
00h
Page 204
4Ch-4Fh
32
R/W
Top of System Memory
FFFFFFFFh
Page 204
50h
8
R/W
PIT Control/ISA CLK Divider
7Bh
Page 204
51h
8
R/W
ISA I/O Recovery Control Register
40h
Page 205
52h
8
R/W
ROM/AT Logic Control Register
98h
Page 205
53h
8
R/W
Alternate CPU Support Register
00h
Page 206
54h-59h
---
---
Reserved
00h
Page 206
5Ah
8
R/W
Decode Control Register 1
01h
Page 206
5Bh
8
R/W
Decode Control Register 2
20h
Page 207
5Ch
8
R/W
PCI Interrupt Steering Register 1
00h
Page 208
5Dh
8
R/W
PCI Interrupt Steering Register 2
00h
Page 208
5Eh-5Fh
---
---
Reserved
00h
Page 208
60h-63h
32
R/W
ACPI Control Register
00000000h
Page 208
64h-6Dh
---
---
Reserved
00h
Page 209
6Eh-6Fh
16
R/W
ROM Mask Register
FFF0h
Page 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com