Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 120Page - National Semiconductor (TI) PC87338 Datasheet HTML 121Page - National Semiconductor (TI) PC87338 Datasheet HTML 122Page - National Semiconductor (TI) PC87338 Datasheet HTML 123Page - National Semiconductor (TI) PC87338 Datasheet HTML 124Page - National Semiconductor (TI) PC87338 Datasheet HTML 125Page - National Semiconductor (TI) PC87338 Datasheet HTML 126Page - National Semiconductor (TI) PC87338 Datasheet HTML 127Page - National Semiconductor (TI) PC87338 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 221 page
background image
124
www.national.com
TABLE 62. Parallel Port Reset States
4.2.1
Standard Parallel Port (SPP)
Modes Register Set
All SPP mode port operation is controlled by three
registers. Table 63 shows the registers of the parallel
port in the Standard Parallel Port (SPP) modes.
The register bits assignments are compatible with the
assignments in existing SPP devices.
TABLE 63. Standard Parallel Port Registers
4.2.2
SPP Mode Parallel Port Register
Bitmaps
4.2.3
Data Register (DTR), Offset 0
This bidirectional data port transfers 8-bit data in the
direction determined by bit 7 of configuration Register
PTR and bit 5 of SPP register CTR.
Bit 7 of the PTR selects the port mode - compatible
mode, with no data input capability, or extended
mode, having data input capability.
Bit 5 of the CTR determines the direction of the data
flow - whether from the Data register DTR to the sys-
tem, or from DTR to the external pins PD7-0.
Signal
Reset Control
State After Reset
SLIN
MR
TRI-STATE
INIT
MR
Zero
AFD
MR
TRI-STATE
STB
MR
TRI-STATE
IRQ5,7
MR
TRI-STATE
Offset A1
A0 Symbol Description
R/W
00
0
DTR
Data
R/W
10
1
STR
Status
R
2
1
0
CTR
Control
R/W
31
1
-
TRI-STATE
7
654
32
10
Reset
Required
0
0
0
0
0
0
0
0
Data Register
(DTR)
Offset 0
D2
D4
D5
D6
D7
D0
D1
D3
7
654
32
10
Reset
Required
1
1
1
1
1
1
1
1
Status Register
(STR)
Offset 1
IRQ Status
SLCT Status
PE Status
ACK Status
BUSY Status
Time-Out Status
Reserved
ERR Status
7
654
32
10
Reset
Required
0
0
0
0
0
0
1
1
Control Register
(CTR)
Offset 2
Printer Initialization Control(INIT)
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com