Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 121Page - National Semiconductor (TI) PC87338 Datasheet HTML 122Page - National Semiconductor (TI) PC87338 Datasheet HTML 123Page - National Semiconductor (TI) PC87338 Datasheet HTML 124Page - National Semiconductor (TI) PC87338 Datasheet HTML 125Page - National Semiconductor (TI) PC87338 Datasheet HTML 126Page - National Semiconductor (TI) PC87338 Datasheet HTML 127Page - National Semiconductor (TI) PC87338 Datasheet HTML 128Page - National Semiconductor (TI) PC87338 Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 221 page
background image
125
www.national.com
The actual read or write to the data register is activat-
ed by the system RD and WR strobes.
Table 64 tabulates DTR register operation.
TABLE 64. SPP Data Register Read and Write
Modes
When bit 7 of the PTR is zero, the device is in SPP
compatible mode, and does not write data to the out-
put pins. Bit 5 of the CTR register has no effect in this
state. If data is written (WR goes low), the data will be
sent to the output pins PD7-0. If a Read cycle is initi-
ated (RD goes low), the system will read the contents
of the output latch, and not data from the output pins
PD7-0.
When bit 7 of the PTR is 1, the device is in the Extend-
ed SPP mode and can read and write external data
via PD7-0. In this mode, bit 5 sets the direction for
data in or data out, while read or write cycles are pos-
sible in both settings of bit 5.
If CTR bit 5 is cleared to 0, data is written to the output
pins PD7-0 when a write cycle occurs. (if a read cycle
occurs in this setting, the system will read the output
latch, not data from PD7-0).
If CTR bit 5 is set to 1, data is read from the output
pins PD7-0 when a read cycle occurs. A write cycle in
this setting will only write to the output latch, not to the
output pins PD7-0.
The reset value of this register is 0.
FIGURE 60. DTR Register Bitmap (SPP Mode)
4.2.4
Status Register (STR), Offset 1
This read-only register holds status information. A
system write operation to STR is an invalid operation
that has no effect on the parallel port.
FIGURE 61. STR Register Bitmap (SPP Mode)
Bit 0 - Time-Out Status
In EPP mode only, this is the time-out status bit. In
all other modes this bit has no function and has the
constant value 1.
This bit is cleared when EPP mode is enabled, i.e.,
when bit 0 of PCR is changed from 0 to 1. There-
after, this bit is set to 1 when a time-out occurs in
an EPP cycle and is cleared when STR is read.
In EPP mode:
0 - EPP mode set. No time-out occurred since
STR was last read.
1 - Time-out occurred on EPP cycle (minimum of
10
µsec). (Default)
Bit 1 - Reserved
This bit is reserved and is always 1.
Bit 7 of
PTR
Bit 5 of
CTR
RD WR
Result
0
x
1
0
Data written to PD7-0.
0
x
0
1
Data read from the
output latch
1
0
1
0
Data written to PD7-0.
1
1
1
0
Data written is latched
1
0
0
1
Data read from output
latch.
1
1
0
1
Data read from PD7-0.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Data Register
(DTR)
Offset 0
D2
D4
D5
D6
D7
D0
D1
D3
76
54
321
0
Reset
Required
1
1
1
1
1
1
1
1
Status Register
(STR)
Offset 1
IRQ Status
SLCT Status
PE Status
ACK Status
Printer Status
Time-Out Status
Reserved
ERR Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com