Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 124Page - National Semiconductor (TI) PC87338 Datasheet HTML 125Page - National Semiconductor (TI) PC87338 Datasheet HTML 126Page - National Semiconductor (TI) PC87338 Datasheet HTML 127Page - National Semiconductor (TI) PC87338 Datasheet HTML 128Page - National Semiconductor (TI) PC87338 Datasheet HTML 129Page - National Semiconductor (TI) PC87338 Datasheet HTML 130Page - National Semiconductor (TI) PC87338 Datasheet HTML 131Page - National Semiconductor (TI) PC87338 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 221 page
background image
128
www.national.com
4.3.1
Enhanced Parallel Port (EPP)
Modes Register Set
Table 66 lists the EPP mode registers. All are single-
byte registers.
Bits 0, 1 and 3 of the CTR register must be 0 before
the EPP registers can be accessed, since the pins
controlled by these bits are controlled by hardware
during EPP accesses. Once these bits are set to 0 by
the software driver, multiple EPP access cycles may
be invoked. Bit 7 of the PTR register must be set to 0,
when EPP mode is enabled.
Bit 7 of STR (BUSY status) must be set to 1 before
writing to DTR in EPP mode to ensure data output to
PD7-0.
The EPP monitors the IOCHRDY pin during EPP cy-
cles. If IOCHRDY is driven low for more then 10
µsec,
an EPP time-out event occurs, which aborts the cycle
by asserting IOCHRDY, thus releasing the system
from a stuck EPP peripheral device. When the cycle
is aborted, ASTRB or DSTRB becomes inactive, and
the time-out event is signaled by asserting bit 0 of the
STR. If bit 4 of the CTR is 1, the time-out event also
pulses the IRQ5 or IRQ7 lines.
EPP cycles to the external device are activated by in-
voking read or write cycles to the EPP.
TABLE 66. Parallel Port Registers in EPP Modes
4.3.2
EPP Modes Parallel Port Register
Bitmaps
Offset
Symbol
Description
Mode
R/W
0
DTR
SPP Data
SPP or EPP R/W
1
STR
SPP Status SPP or EPP
R
2
CTR
SPP Control SPP or EPP R/W
3
EPP Address
EPP
R/W
4
EPP Data Port 0
EPP
R/W
5
EPP Data Port 1
EPP
R/W
6
EPP Data Port 2
EPP
R/W
7
EPP Data Port 3
EPP
R/W
7
654
32
10
Reset
Required
0
0
0
0
0
0
0
0
SPP or EPP Data
Register (DTR)
Offset 0
D2
D4
D5
D6
D7
D0
D1
D3
7
654
32
10
Reset
Required
1
1
1
1
1
1
1
1
SPP or EPP Status
Register(STR)
Offset 1
IRQ Status
SLCT Status
PE Status
Time-Out Status
Reserved
ERR Status
7
654
32
10
Reset
Required
0
0
0
0
0
0
1
1
SPP or EPP Control
Register (CTR)
Offset 2
765
432
10
Reset
Required
0
0
0
0
0
0
0
0
EPP Address
Register
Offset 3
EPP Device or
Register Selection
A2
A4
A5
A6
A7
A0
A1
A3
Printer Initialization Control(INIT)
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Automatic Line Feed Control
Parallel Port Input Control
ACK Status
Printer Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com