Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 123Page - National Semiconductor (TI) PC87338 Datasheet HTML 124Page - National Semiconductor (TI) PC87338 Datasheet HTML 125Page - National Semiconductor (TI) PC87338 Datasheet HTML 126Page - National Semiconductor (TI) PC87338 Datasheet HTML 127Page - National Semiconductor (TI) PC87338 Datasheet HTML 128Page - National Semiconductor (TI) PC87338 Datasheet HTML 129Page - National Semiconductor (TI) PC87338 Datasheet HTML 130Page - National Semiconductor (TI) PC87338 Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 221 page
background image
127
www.national.com
Bit 1 - Automatic Line Feed Control
This bit directly controls the automatic line feed
signal to the printer via the AFD pin. Setting this bit
high causes the printer to automatically feed after
each line is printed.
This bit is the inverse of the AFD pin.
0 - No automatic line feed. (Default)
1 - Automatic line feed
Bit 2 - Printer Initialization Control (INIT)
This bit directly controls the signal to initialize the
printer via the INIT pin. Setting this bit to low initial-
izes the printer.
The value of the INIT signal reflects the value of this bit.
In the PC87338 this bit is 0 after reset (activate
INIT sig-
nal to initialized the printer).
In the PC97338 this bit is 1 after reset, so the printer can
stay in ECP mode if it was programmed to this mode,
and not initialized to SPP mode.
0 - Initialize Printer (Default in PC87338).
1 - No action (Default in PC97338).
Bit 3 - Select Input Signal Control
This bit directly controls the select in signal to the
printer via the SLIN pin. Setting this bit high selects
the printer.
It is the inverse of the SLIN pin.
This bit must be set to 1 before enabling the EPP
or ECP modes via bits 0 or 2 of the PCR register.
0 - Printer not selected. (Default)
1 - Printer selected and online.
Bit 4 - Interrupt Enable
Bit 4 controls the interrupt generated by the ACK
signal. Its function changes slightly depending on
the parallel port mode selected.
In ECP mode, this bit should be set to 0.
In the following description, IRQx indicates an in-
terrupt line allocated for the parallel port.
0 - In Compatible SPP, Extended SPP and EPP
modes, IRQx is floated. (Default)
1 - In Compatible SPP mode, IRQx follows ACK
transitions.
In Extended SPP mode, IRQx is set active on
the trailing edge of ACK.
In EPP mode, IRQx follows ACK transitions, or
is set when an EPP time-out occurs.
Bit 5 - Direction Control
This bit determines the direction of the parallel port
in Extended SPP mode (when bit 7 of PTR is 1). In
the (default) Compatible SPP mode, this pin has
no effect, since the port functions for output only.
This is a read/write bit in EPP modes. In SPP
modes it is a write only bit. A read from it returns 1.
In Compatible SPP mode and in EPP modes it
does not control the direction. See Table 64.
0 - Data output to PD7-0 in Extended SPP mode
during write cycles (Default)
1- Data input from PD7-0 in Extended SPP mode
during read cycles.
Bits 7,6 - Reserved
These bits are reserved and are always 1.
4.3
ENHANCED PARALLEL PORT
(EPP) MODES
EPP modes allow greater throughput than Compati-
ble SPP and Extended SPP modes by supporting
faster transfer times (8, 16 or 32 bit data transfers in
a single read/write operation) and a mechanism that
allows the system to address peripheral device regis-
ters directly. Faster transfers are achieved by auto-
matically generating the address and data strobes.
The connector pin assignments for these modes are
listed in “Parallel Port Pin Out” on page 145.
EPP modes support revision 1.7 and revision 1.9 of
the IEEE 1284 standard, as shown in Table 65. When
bit 5 of FCR is 1 (configured for zero wait states), the
EPP revision is always 1.7, i.e., it is not affected by bit
1 of PCR.
TABLE 65. EPP Revision Selection
In Legacy mode, EPP modes are supported for a par-
allel port whose base address is 278h or 378h, but not
for a parallel port whose base address is 3BCh.
(There are no EPP registers at 3BFh.)
SPP-type data transactions may be conducted in ei-
ther EPP mode. The appropriate registers are avail-
able for this type of transaction. (See Table 66.) As in
the SPP modes, software must generate the control
signals required to send or receive data.
The output of the control signals in PC87338 are in
level 2 (pushpull) when in EPP1.9 mode
The output of the control signals in PC97338 are in
level 2 (pushpull) always when in EPP mode.
EPP Mode
Bit 5 of the FCR
Configuration
register
Bit 1 of
PCR
Bit 0 of
PCR
EPP Revision
1.7
1x
1
00
1
EPP Revision
1.9 (IEEE 1284)
01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com