Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 111Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 112Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 113Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 114Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 115Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 116Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 117Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 118Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
115
www.national.com
Bit 4 - TA Enable (TAEN)
Enables TA to function either as a preset input, or as a
PWM output, depending on the mode of operation. If the
bit is set (1), while operating in the “Dual Input Capture”
mode (Mode 2), a transition on TA causes TCNT1 to be
preset to FFFFh. In the remaining modes of operation
setting TAEN enables TA to function as a PWM output.
See Table 14-3 on page 113 for additional information.
Bit 5 - TB Enable (TBEN)
If set (1), and while operating in “Dual Input Capture
Mode” (Mode 2), or “Input Capture + Timer Mode”
(Mode 4), a transition on TB causes the corresponding
timer/counter to be preset to FFFFh. In mode 2 TCNT1
is preset to FFFFh, while in mode 4 TCNT2 is preset to
FFFFh. The bit has no effect while operating in any
mode than other mode 2 or mode 4. See Table 14-3 on
page 113 for additional information.
Bit 6 - TA Output Data (TAOUT)
This bit contains the value of the TA output when TA is
used as a PWM output. When set (1), TA is high. If
cleared TA, is low. The bit is set and cleared by the hard-
ware, and thus reflects the status of TA. You can read
or write the bit at any time. Note that if the hardware at-
tempts to toggle the bit at the same time as the user
software writes to the bit, the software write takes pre-
cedence over the hardware update. The bit has no ef-
fect when TA is used as an input.
14.5.8
Timer Interrupt Control Register (TICTL)
The TICTL Register is a byte-wide read/write register. It
contains the interrupt enable bit and associated interrupt
pending bits for the four timer interrupt sources.
Bit 0 - Timer Interrupt Source A Pending (TAPND)
If set (1), indicates that an interrupt condition, as shown
in Table 14-2, has occurred. This bit can be set by both
the hardware and the user. You can not clear the bit (0)
directly, but must be cleared via the “Timer Interrupt
Clear” register. A write of 0 by the user software is ig-
nored. The bit is cleared (0) on reset.
Bit 1 - Timer Interrupt Source B Pending (TBPND)
Same as TAPND but for a different condition, as shown
in Table 14-2.
Bit 2 - Timer Interrupt Source C Pending (TCPND)
Same as TAPND but for a different condition, as shown
in Table 14-2.
Bit 3 - Timer Interrupt Source D Pending (TCPND)
Same as TAPND but for a different condition, as shown
in Table 14-2.
Bit 4 - Timer Interrupt A Enable (TCPND)
When set (1), enables a system interrupt based on the
occurrence of a condition as listed in Table 14-2. When
cleared (0), no system interrupt occurs, but the associ-
ated pending flag TAPND is still set. The bit can be set
or cleared by the user software at any time.
Bit 5 - Timer Interrupt A Enable (TBIEN)
Same as TAIEN, but for a condition listed in Table 14-2
which causes the TBPND flag to be set by the hardware.
Bit 6 - Timer Interrupt A Enable (TCIEN)
Same as TAIEN, but for a condition listed in Table 14-2
which causes the TCPND flag to be set by the hard-
ware.
Bit 7 - Timer Interrupt A Enable (TDIEN)
Same as TAIEN, but for a condition listed in Table 14-2
which causes the TDPND flag to be set by the hard-
ware.
14.5.9
Timer Interrupt Clear Register (TICLR)
The TICLR Register is an byte-wide write-only register. It
controls the clear of the pending flags TAPND, TBPND,
TCPND and TDPND located in the TICTRL register.
Bit 0 - Timer Pending A Clear (TACLR)
When written to a 1, causes the TAPND flag to be
cleared (0). When written to a 0, the bit has no effect on
TAPND; thus, the previous value of TAPND is main-
tained.
Bit 1 - Timer Pending B Clear (TBCLR)
Has identical functionality to TACLR, but affects the
TBPND flag.
Bit 2 - Timer Pending C Clear (TCCLR)
Has identical functionality to TACLR, but affects the
TCPND flag.
Bit 3 - Timer Pending D Clear (TDCLR)
Has identical functionality to TACLR, but affects the
TDPND flag.
7
6
5
4
32
10
TDIEN TCIEN TBIEN TAIEN TDPND TCPND TBPND TAPND
7
4
3210
Res
TDCLR
TCCLR
TBCLR
TACLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com