Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 114Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 115Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 116Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 117Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 118Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 119Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 120Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 121Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 168 page
background image
Timer and WATCHDOG (TWD)
118
www.national.com
Bits 2-0 - Main Clock Divide (MDIV)
Defines the pre-scale ratio of the input clock. The pre-scale
ratio is 2MDIV. MDIV must be in the range of zero to five, pro-
viding a pre-scale ratio of 1 to 32. Table Figure 15-1 sum-
marizes MDIV allowed values.
Table 15-1. MDIV Values
15.6.3
TWD Timer 0 Register (TWDT0)
The TWDT0 Register is a read/write register. It defines the
T0OUT interrupt rate. Upon reset, this register is initialized
to FFFFh.
Bits 7-0 - PRESET
Defines the counter preset value. Whenever the counter
reaches zero, it starts counting down from this value.
The T0OUT frequency is the T0IN frequency divided by
(PRESET+1). The allowed values of the PRESET field
are 0001h through FFFFh.
15.6.4
TWDT0 Control and Status Register (T0CSR)
The T0CSR Register is a read/write register. It controls the
operation and provides the status of the T0 timer. The non-
reserved bits of T0CSR are cleared (0) on reset.
Bit 0 - Restart (RST)
When set (1), forces the timer to restart counting in the
next input clock rising edge. The bit is cleared by the in-
put clock rising edge, indicating that the counter re-
sumed its automatic re-triggerable operation. Writing 0
to this bit is ignored.
Bit 1 - Terminal Count (TC)
The TC bit indicates that the counter has reached zero (ter-
minal count). This bit is cleared each time the register is
read. It is a read only bit and data written to it is ignored.
15.6.5
WATCHDOG Count Register (WDCNT)
The WDCNT Register is a byte wide, write only register. It
holds the value loaded into the WATCHDOG counter when it
is serviced, and counts down from it. The WATCHDOG is
started by the first write to the register. Each successive write
restarts the WATCHDOG count. Upon reset this register is ini-
tialized to 0Fh.
Bits 7-0 - PRESET
Defines the counter preset value. Whenever the counter
reaches zero, it starts counting down from this value.
The T0OUT frequency is the T0IN frequency divided by
(PRESET+1). The allowed values of the PRESET field
are 0001h through FFFFh.
15.6.6
WATCHDOG Service Data Match Register
(WDSDM)
The WDSDM Register is an 8-bit write only register. When
TWCFG.WDSDME is set, the WATCHDOG counting re-
starts from the value in WDCNT, when WDSDM is written
with 5Ch. If any other data is written to this register, it trig-
gers a WATCHDOG signal. If RSDATA is written for a sec-
ond time before one WATCHDOG clock has occurred, this
also triggers a WATCHDOG signal. Any write to this register
when TWCFG.WDSDME is cleared is ignored.
Bits 7-0 - Restart Data (RSDATA)
15.7 USAGE HINTS
The TWD protects WATCHDOG operation from software
tampering. To achieve the highest level of protection, pro-
ceed as follows:
1. Program the TWDT0 pre-scale and TMWT0 timers to
the desired values.
2. Configure the WATCHDOG clock to use T0IN or T0OUT
using TWCFG.WDCT0I bit.
3. Program the WDCTL to the maximum period between
WATCHDOG touch operations. Note that from this point,
the WATCHDOG starts operating and must be touched
periodically to prevent a WATCHDOG error signal.
4. Configure the WATCHDOG to use data match, and lock
all the TWD configuration and setting registers by set-
ting bits 0 through 4 and bit 6 of the WDCFG.
5. Touch the WATCHDOG by writing 5Ch to WDSDM at
the appropriate rate (i.e., no more than once every
WATCHDOG clock cycle and no less than the period
programmed to WDCTL).
MDIV
Clock Ratio
000
1:1
001
1:2
010
1:4
011
1:8
100
1:16
101
1:32
Other
Reserved
7
0
PRESET
7
2
1
0
Reserved
TC
RST
7
0
PRESET
7
0
RSDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com