Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 112Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 113Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 114Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 115Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 116Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 117Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 118Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 119Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 168 page
background image
Timer and WATCHDOG (TWD)
116
www.national.com
15.0 Timer and WATCHDOG (TWD)
The TWD generates the clocks and interrupts used for tim-
ing periodic functions in the system; it also provides
WATCHDOG protection over software execution.
The TWD provides flexibility in system configuration by en-
abling the configuration of various clock ratios. After setting
the TWD configuration, the software can lock it to give a
higher level of protection against erroneous software action.
Once a section of the TWD is locked, only reset releases it.
15.1 FEATURES
• 32.768KHz input clock
• Programmable pre-scale counter
• 16-bit programmable periodic interrupt timer
• 8-bit WATCHDOG counter
• WATCHDOG signal generation in response to various
failure detection
15.2 FUNCTIONAL DESCRIPTION
15.2.1
Input Clock
The TWD bases all its counting activities on a 32.768KHz
clock. The WATCHDOG can count using a division of the
32KHz clock (either T0OUT or T0IN) or an alternate clock.
The alternate clock source is selected with a hardware se-
lection signal.
15.2.2
Pre-Scale
A pre-scale counter divides the input clock (32.768KHz) by
a factor of 2MDIV. MDIV (TWCP.MDIV field) is in the range
of 0 through 5 (i.e., divide ratio of 1:1 through 1:32). The
pre-scaled output is used as an input clock for a 16-bit timer
(TWDT0), and is referred to as T0IN.
15.2.3
TWD Timer 0
TWD Timer 0 is a 16-bit, programmable, automatically re-
triggered down-counter. It counts on the rising edge of
T0IN. It starts from the value loaded to TWDT0 register
down to zero, and then restarts counting from TWDT0 at the
next T0IN cycle.
When the counter reaches 0, T0OUT is set (1) for one T0IN
cycle. This makes the Timer 0 cycle:
TWDT0 + 1 x T0IN-cycle.
T0OUT is input to the ICU and can be used as the time base
for activities such as system tick.
When TWDT0 is loaded with a new value, the counter uses
it the next time it re-starts counting (i.e., after reaching ze-
ro). If timer control register T0CSR.RST is written 1, the tim-
er is restarted on the next rising edge of T0IN.
See Figure 15-1 for the TWD block diagram.
Note:
1. The T0CSR.RST bit is cleared after completing this
load.
2. When TWCP.MDIV=0, the timer counter may skip one
count when loaded with a new value.
(TWCP)
32.768KHz
16-Bit Timer
5-Bit Pre-Scale
Counter
WATCHDOG
Peripheral Bus
T0OUT
WATCHDOG
T0IN
FREEZ
TWDT0 Register
WDCNT
WDSDM
WATCHDOG
Service
Logic
Figure 15-1. Timer and WATCHDOG Block Diagram
Reset
from RTC
(in Dev Env only)
to ICU
TWCFG.WDCT0I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com