Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 116Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 117Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 118Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 119Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 120Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 121Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 122Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 123Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 168 page
background image
Analog to Digital Converter (ADC) - January 1998
120
www.national.com
16.2.1
Reset
The ADC status and control registers are reset to their de-
fault values in the following two ways:
Cold Reset. Upon power-up, an internal power-up detect
circuit generates a reset cycle. See Section 2.3 on page 26.
Warm Reset. When the chip is powered up and a positive
pulse is applied on the Host Master Reset (HMR) input pin,
a reset cycle is performed. See also HMR pin functionality
in Table 2-1 on page 21.
16.2.2
Reference Voltage
The analog input voltages are converted relative to a refer-
ence voltage. See both Figure 16-1 and "Bit 1 - Internal
VREF (INTREF)" on page 123 for details. For DC specifica-
tions, see Table 19-5 on page 134. The ADC can use either
an internal or external reference voltage, as follows:
Internal Reference Voltage. This is generated on-chip by
a high accuracy circuit, which can be internally connected
to the converter. The on-chip reference is used when the IN-
TREF bit of the ADCCNT1 register is set (1). The accuracy
of the internal reference is higher than required by most ap-
plications.
External Reference Voltage. To apply an external refer-
ence voltage to the VREF pin, the internal reference voltage
must be disabled. In this case, the external reference volt-
age should be within the actual AGND and AVCC. The ac-
curacy of the conversion is directly dependent on the
precision of the external reference. To use this option, the
INTREF bit of the ADCCNT1 register must be cleared (0).
Note 1: The VREF pin filters the internal reference. In both
internal and external configurations, a 0.47
µF filtering ca-
pacitor, C1, should be placed as close as possible to VREF,
as shown in Figure 16-1.
Note 2: It is recommended to use an internal reference volt-
age instead of an external one. Internal reference voltage is
far more accurate, and also enables/disables control for re-
ducing the current consumption to zero. If an input voltage
of more than 2.5 V must be converted, use an external re-
sistor divider as detailed in Figure 16-2. Using the external
reference voltage configuration with VREF connected to
AVCC is not recommended, since it results in lower accura-
cy, higher current consumption and causes difficulties in
measuring AVCC voltage. Also, the code is dependent on
the value of AVCC used, 3.3 V or 5.0 V.
16.2.3
Input Signal Range
The ADC performs a linear conversion of the input voltage
signal to an unsigned digital representation. The input sig-
nal should be applied relative to the AGND pin, and should
range from a minimum of AGND to a maximum of the actual
VREF.
An input signal of zero (ground) is converted to 00h. An in-
put signal equal to (255/256)*VREF is converted as FFh.
When the input signal is higher than the maximum input
range, the ADC generates a result which may be lower than
FFh. To prevent this, a simple resistor divider should be
used before the analog input (see Figure 16-2). The divider
should be calculated so that its output is lower than VREFmin
for the maximum input signal, as specified in Table 19-5 on
page 134.
16.2.4
ADC Clock
The ADC clock is generated by the on-chip clock multiplier
(see Chapter 7 on page 76). This clock can be divided by 1,
2, 4, 8, 16, 32 or 64, by programming the pre-scaler located
at CDIV of the ADCCNT3 Register. The ADC clock must op-
erate at a rate lower than 1 MHz. The Clock Divider (see
Figure 16-1) allows ADC usage in systems with a higher
clock rate. CDIV must be programmed prior to enabling the
ADC (i.e., while ADCEN of the ADCCNT1 Register is 0).
16.2.5
Initializing and Enabling the ADC
The PC87570 wakes up after power-up with the ADC dis-
abled (ADCEN of the ADCCNT1 Register is cleared). In this
state, all ADC activities are halted, and its current consump-
tion is reduced to zero.
Initializing the ADC. The ADC must be initialized prior to
being enabled. The following fields/bits must be set:
Table 16-1. ADC Initialization Settings
Enabling the ADC. The ADC is enabled by setting ADCEN
of the ADCCNT1 Register to 1. The internal reference volt-
age is enabled by setting INTREF of this same register to 1.
The internal reference cannot be enabled if the ADC is not
enabled.
After the ADC is enabled, its internal circuits need a maxi-
mum activation delay of 100
µs. The internal reference volt-
age needs a typical 50
µs delay to charge the external
filtering capacitor of 0.47
µF, present on V
REF, as shown in
Figure 16-1.
Both ADCEN and INTREF can be set in one write operation
to the ADCCNT1 Register so that their delays begin simul-
taneously. Before attempting to start the first conversion cy-
cle, the software should wait 100
µs after enabling the ADC
and the internal reference. See the TACT parameter in
Table 19-5 on page 134. When re-enabling the ADC after it
has been disabled, the software should again wait 100
µs.
Field/Bit Register
Description
CDIV
ADCCNT3 ADC clock rate
DELAY
ADCCNT3 Required sampling time
INTE
ADCCNT1 Interrupt mode (if required)
INTREF ADCCNT1 Internal reference voltage
source enable (if required)
Input
Signal
R1
Figure 16-2. Analog Input Resistor Divider
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VIN
C2
*
C2 is an optional capacitor for noise filtering
PC87570
R2
VIN0
VINmax
VIN0 =
R1+R2
R2
VREFmin
VIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com