Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 119 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 119 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 115Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 116Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 117Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 118Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 119Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 120Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 121Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 122Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 123Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 168 page
background image
Analog to Digital Converter (ADC)
119
www.national.com
16.0 Analog to Digital Converter (ADC)
The ADC receives analog signals on eight channels (AD0-
7). It converts these signals to their digital representation
and stores the results in four byte-wide registers.
16.1 FEATURES
• 8-bit resolution
• 8 input channels
• Input voltage range from zero to V
REF
• Internal or external reference voltage
• Timing specifications:
— 10 ADC-clock cycles conversion time
— Up to 1 MHz ADC clock
— Programmable sampling time to guarantee input
settling time
• Flexible conversion modes:
— Single or continuous conversion
— Single channel or four channel scanning
• Polling or interrupt driven operation
• Zero current consumption when disabled, low current
when enabled
• High impedance inputs
16.2 FUNCTIONAL DESCRIPTION
The ADC has eight analog inputs, AD0-7, as shown in Fig-
ure 16-1. The analog multiplexer selects one of them and
connects it to Sample and Hold. The input signal is sampled
before the conversion begins.
Sample and Hold charges the CS capacitor during the sam-
pling time, and holds the voltage value on this capacitor dur-
ing the conversion period. Programmable sampling time
allows the voltage on the sampling capacitor to settle before
being latched.
The ADC is implemented by a single, 8-bit, successive ap-
proximation digital to analog converter (DAC). The output of
the DAC is compared with the sampled value by the Com-
parator (Comp).
ADC Control Logic performs a 10 clock cycle successive
approximation algorithm to find the digital representation of
the input signal.
Configuration (Config) automates ADC operation. Four op-
erational modes allow the ADC to convert one or four of the
input signals, in single or repetitive (scan) modes.
The ADC interfaces through the four status and control reg-
isters with the peripheral bus. the four data output buffers
also interface with the same bus, and can store up to four
conversion results.
The Clock Divider reduces the frequency of the system
clock to the lower value required by the ADC. The on-chip
VREF source can be enabled and connected internally to the
DAC reference input.
Peripheral
ADCCLK
Figure 16-1. ADC Functional Diagram
DAC
Comp
ADC
Cs
Sample
+
_
8:1
Analog
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
MUX
0.47
AVCC
C1
VREF
AGND
AVCC
C3
0.1
AVCC
ADC
Data
Buffers
Clock
Divider
System
Clock
Bus
PC87570
Reset
Analog
Power
C2
22
+
µF
3.3 V
or
5.0 V
AVCC
to other
modules
µF
µF
Config
Int
Ref
and Hold
AD7
VIN0
AD0
Control Logic
VIN7
Status
and Control
Registers
INTREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com