| Electronic Components Datasheet Search |
|
TNETV1644ZDU6 Datasheet(PDF) 156 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Datasheet(HTML) 156 Page - Texas Instruments |
|
156 / 306 page ![]() 4 System Interconnect 4.1 System Interconnect Block Diagram TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com On the DM6437 device, the C64x+ Megamodule, the EDMA3 transfer controllers, and the system peripherals are interconnected through a switch fabric architecture (see Figure 4-1). The switch fabric is composed of multiple switched central resources (SCRs) and multiple bridges. The SCRs establish low-latency connectivity between master peripherals and slave peripherals. Additionally, the SCRs provide priority-based arbitration and facilitate concurrent data movement between master and slave peripherals. Through an SCR, the DSP subsystem can send data to the DDR2 Memory Controller without affecting a data transfer between the EMAC and L2 memory. Bridges are mainly used to perform bus-width conversion as well as bus operating frequency conversion. For example, in Figure 4-1, Bridge 6 performs a frequency conversion between a bus operating at DSP/3 clock rate and a bus operating at DSP/6 clock rate. Furthermore, Bridge 5 performs a bus-width conversion between a 64-bit bus and a 32-bit bus. The C64x+ Megamodule, the EDMA3 transfer controllers (EDMA3TC[2:0]), and the various system peripherals can be classified into two categories: master peripherals and slave peripherals. Master peripherals are typically capable of initiating read and write transfers in the system and do not rely on the EDMA3 or on the CPU to perform transfers to and from them. The system master peripherals include the C64x+ Megamodule, the EDMA3 transfer controllers, VLYNQ, EMAC, HPI, PCI, and VPSS. Not all master peripherals may connect to all slave peripherals. The supported connections are designated by "Y" in Table 4-1. Table 4-1. System Connection Matrix SLAVE PERIPHERALS/MODULES MASTER DDR2 C64x+ PCI SCR2, SCR6, PERIPHERALS/MODULES MEMORY SCR4(1) SDMA (MASTER BACK-END I/F) SCR7, SCR8(1) CONTROLLER C64x+ MDMA – Y Y – Y VPSS – Y – – – PCI (SLAVE BACK-END I/F) Y Y – Y Y VLYNQ Y Y – Y Y EMAC Y Y – Y Y HPI Y Y – Y Y EDMA3TC's Y Y Y Y Y (EDMA3TC2/TC1/TC0) C64x+ CFG – – – Y Y (1) All the peripherals/modules that support a connection to SCR2, SCR4, SCR6, SCR7, and SCR8 have access to all peripherals/modules connected to those respective SCRs. Figure 4-1 displays the DM6437 system interconnect block diagram. The following is a list that helps in the interpretation of this diagram: • The direction of the arrows indicates either a bus master or bus slave. • The arrow originates at a bus master and terminates at a bus slave. • The direction of the arrows does not indicate the direction of data flow. Data flow is typically bi-directional for each of the documented bus paths. • The pattern of each arrow's line indicates the clock rate at which it is operating— i.e., either DSP/3, DSP/6, or MXI/CLKIN clock rate. • A peripheral may have multiple instances shown in Figure 4-1 for the following reason: – The peripheral/module has master port(s) for data transfers, as well as slave port(s) for register access, data access, and/or memory access. Examples of these peripherals are C64x+ Megamodule, EDMA3, VPSS, VLYNQ, HPI, EMAC, and PCI. System Interconnect 156 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |