Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 158 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 154Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 155Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 156Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 157Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 158Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 159Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 160Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 161Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 306 page
background image
5
Device Operating Conditions
5.1 Absolute Maximum Ratings Over Operating Temperature Range (Unless Otherwise
TMS320DM6437
Digital Media Processor
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Noted)
(1)
Supply voltage ranges:
Core (CVDD, VDDA_1P1V
(2))(3)
–0.5 V to 1.5 V
I/O, 3.3V (DVDD33)
(3)
–0.5 V to 4.2 V
I/O, 1.8V (DVDDR2, DDR_VDDDLL, PLLPWR18, VDDA_1P8V, MXVDD)
(3)
–0.5 to 2.5 V
Input voltage ranges:
VI I/O, 3.3-V pins (except PCI-capable pins)
–0.5 V to 4.2 V
VI I/O, 3.3-V pins PCI-capable pins
–0.5 V to DVDD33 + 0.5 V
VI I/O, 1.8 V
–0.5 V to 2.5 V
Output voltage ranges:
VO I/O, 3.3-V pins (except PCI-capable pins)
–0.5 V to 4.2 V
VO I/O, 3.3-V pins PCI-capable pins
–0.5 V to DVDD33 + 0.5 V
VO I/O, 1.8 V
–0.5 V to 2.5 V
Operating Junction temperature
Commercial
0
°C to 90°C
ranges, TJ:
Automotive (Q or S suffix)
–40
°C to 125°C
Storage temperature range, Tstg
(default)
–65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Based on JESD22-C101C (Field-Induced Charged-Device Model Test Method for Electrostatic-Discharge-Withstand Thresholds of
Microelectronic Components) testing the TMS320DM643xZDU device’s charged-device model (CDM) sensitivity classification is Class II
(200 to <500 V) when subjected to the required 3 discharges. When subjected to one discharge (+ and -), the classification is Class III
which is the standard Texas Instruments' CDM design goal. All pins except the VDDA_1P1V (T20) pin associated with the DAC module
demonstrate Class III performance.
(3)
All voltage values are with respect to VSS.
Device Operating Conditions
158
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com