Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 161 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 157Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 158Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 159Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 160Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 161Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 162Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 163Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 164Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 306 page
background image
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating Temperature
(Unless Otherwise Noted) (continued)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 700
13
mA
MHz
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 660
13
mA
MHz
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 600
13
mA
MHz
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 500
13
mA
MHz
IDDD
3.3V I/O (DVDD33) supply current
(7)
DVDD = 3.3 V, CVDD = 1.2 V, DSP clock = 400
13
mA
MHz
DVDD = 3.3 V, CVDD = 1.05 V, DSP clock = 560
13
mA
MHz
DVDD = 3.3 V, CVDD = 1.05 V, DSP clock = 450
13
mA
MHz
DVDD = 3.3 V, CVDD = 1.05 V, DSP clock = 400
13
mA
MHz
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 700
94
mA
MHz
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 660
94
mA
MHz
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 600
93
mA
MHz
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 500
92
mA
MHz
1.8V I/O (DVDDR2, DDR_VDDDLL, PLLVPRW18,
IDDD
VDDA_1P8V, MXVDD) supply current
(7)
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock = 400
91
mA
MHz
DVDD = 1.8 V, CVDD = 1.05 V, DSP clock = 560
74
mA
MHz
DVDD = 1.8 V, CVDD = 1.05 V, DSP clock = 450
73
mA
MHz
DVDD = 1.8 V, CVDD = 1.05 V, DSP clock = 400
72
mA
MHz
CI
Input capacitance
5
pF
Co
Output capacitance
5
pF
Submit Documentation Feedback
Device Operating Conditions
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com