Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV1644ZDU6 Datasheet(PDF) 163 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1644ZDU6
Description  Digital Media Processor
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1644ZDU6 Datasheet(HTML) 163 Page - Texas Instruments

Back Button TNETV1644ZDU6 Datasheet HTML 159Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 160Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 161Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 162Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 163Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 164Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 165Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 166Page - Texas Instruments TNETV1644ZDU6 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 306 page
background image
6.2 Recommended Clock and Control Signal Transition Behavior
6.3 Power Supplies
6.3.1
Power-Supply Sequencing
6.3.2
Power-Supply Design Considerations
6.3.3
Power-Supply Decoupling
TMS320DM6437
Digital Media Processor
www.ti.com
SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008
TI recommends utilizing the available I/O buffer information specification (IBIS) models to analyze the
timing characteristics correctly. To properly use IBIS models to attain accurate timing analysis for a given
system, see the Using IBIS Models for Timing Analysis application report (literature number SPRA839). If
needed, external logic hardware such as buffers may be used to compensate any timing differences.
For the DDR2 memory controller interface, it is not necessary to use the IBIS models to analyze timing
characteristics. TI provides a PCB routing rules solution that describes the routing rules to ensure the
DDR2 memory controller interface timings are met. See the Implementing DDR2 PCB Layout on the
TMS320DM643x DMP DMSoC Application Report (literature number SPRAAL6).
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.
For more information regarding TI's power management products and suggested devices to power TI
DSPs, visit www.ti.com/dsppower.
The DM6437 includes one core supply (CVDD), and two I/O supplies—DVDD33 and DVDDR2. To ensure
proper device operation, a specific power-up sequence must be followed. Some TI power-supply devices
include features that facilitate power sequencing—for example, Auto-Track and Slow-Start/Enable
features. For more information on TI power supplies and their features, visit www.ti.com/dsppower.
Here is a summary of the power sequencing requirements:
• The power ramp order must be DV
DD33 before DVDDR2, and DVDDR2 before CVDD—meaning during
power up, the voltage at the DVDDR2 rail should never exceed the voltage at the DVDD33 rail. Similarly,
the voltage at the CVDD rail should never exceed the voltage at the DVDDR2 rail.
• From the time that power ramp begins, all power supplies (DV
DD33, DVDDR2, CVDD) must be stable
within 200 ms. The term "stable" means reaching the recommended operating condition (see
Section 5.2, Recommended Operating Conditions table).
Core and I/O supply voltage regulators should be located close to the DSP to minimize inductance and
resistance in the power delivery path. Additionally, when designing for high-performance applications
utilizing the DM6437 device, the PC board should include separate power planes for core, I/O, and
ground; all bypassed with high-quality low-ESL/ESR capacitors.
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to the DSP. These caps need to be close to the DSP, no more than 1.25 cm maximum
distance to be effective. Physically smaller caps are better, such as 0402, but need to be evaluated from a
yield/manufacturing point-of-view. Parasitic inductance limits the effectiveness of the decoupling
capacitors, therefore physically smaller capacitors should be used while maintaining the largest available
capacitance value.
Larger caps for each supply can be placed further away for bulk decoupling. Large bulk caps (on the order
of 100
µF) should be furthest away, but still as close as possible. Large caps for each supply should be
placed outside of the BGA footprint.
As with the selection of any component, verification of capacitor availability over the product's production
lifetime should be considered.
For more details on capacitor usage and placement, see the Implementing DDR2 PCB Layout on the
TMS320DM643x DMP DMSoC Application Report (literature number SPRAAL6).
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com